Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3701 Datasheet HTML 1Page - Maxim Integrated Products MAX3701 Datasheet HTML 2Page - Maxim Integrated Products MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2x
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V, VCCO = +8.5V to +9.5V, TA = 0
°C to +70°C. Typical values are at VCC = +5.0V, VCCO = +9.0V, IOUT =
100mA, TA = +25
°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Frequency Set
Accuracy
Measured at +25
°C
±10
%
Oscillator Temperature Coefficient
-150
ppm/
°C
Output Off-Current
RWB = low (Note 5)
0.1
mAP-P
OUTPUT AND GENERAL SPECIFICATIONS
Maximum Output Set Current
IOUT
200
mA
Minimum Output Set Current
IOUT
15
mA
Output Off-Current
EN = Low
1
mA
Write Rise-Time
tr
Measured from 10% to 90% (Notes 5, 7)
0.85
0.9
ns
Write Fall-Time
tf
Measured from 10% to 90% (Notes 5, 7)
0.95
1.0
ns
Output Overshoot
δ
(Notes 7, 8)
8
%
(Notes 5, 9, condition i.)
1.0
2.0
Output-Current Noise
(Notes 5, 9, condition ii.)
1.5
3.0
nA/
√Hz
Input Propagation Delay
tPROP
At
D2, D3, D4, D5. (Notes 5, 10)
2.0
4.0
ns
Enable Propagation Delay
tON
At EN, RWB (Notes 5, 7, 9, 10)
150
ns
Disable Propagation Delay
tOFF
At EN, RWB (Notes 5, 7, 9, 10)
150
ns
MONITOR DIODE INPUT AND SAMPLE-AND-HOLD SPECIFICATIONS
MDIN Current Range
IMDIN
10
600
µA
MDIN Voltage
IMDIN = 600µA
1.6
2.0
V
MDIN Capacitance
CMDIN
0.5
pF
Equivalent MDIN Bandwidth
BWMDIN
(Note 11)
250
500
kHz
SEL = low
1.667
Equivalent Transimpedance
ZF
SEL = high
10.0
k
Ω
Acquisition Rate
SCLK
Triggered on rising edge
1
MHz
MDOUT Stability
Relative to IMDIN (Note 12)
5
%
MDOUT Droop Rate
Discrete time sample and hold
0
V/s
MDOUT DC Offset
Zero level
0.26
0.30
0.34
V
MDOUT Voltage
VMDOUT
IMDIN = 600µA, SEL = low (including DC offset)
1.3
1.5
V
MDOUT Voltage Resolution
±3.9
mVpk
MDOUT Resistance
3k
Ω
IMDIN to VMDOUT Accuracy
±5
%
SCLK to MDOUT Delay
(Note 5)
100
ns
CONTROL SIGNAL (EN, RWB, SEL, SCLK)
TTL Input High Voltage
Applies to SEL and SCLK
+2.0
V
TTL Input Low Voltage
Applies to SEL and SCLK
+0.8
V
CMOS Input High Voltage
Applies to EN and RWB
VINREF
x 0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com