Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products MAX3701 Datasheet HTML 10Page - Maxim Integrated Products MAX3701 Datasheet HTML 11Page - Maxim Integrated Products MAX3701 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2x
10
______________________________________________________________________________________
MAX3701
RWB
V1
FREQ
AMP
15mA
____________________________
TRANSISTOR COUNT: 2399
PROCESS: Bipolar
SUBSTRATE: Ground
_____________________________________________________________
D2
MDOUT
MDIN
RFREQ
RAMP
RSHUNT
RDAMP
Z0 = 50
Ω
L = 20mm
CSHUNT
CCOMP
OUT+
OUT-
VCC
INREF
VCCO
D3
D4
D5
V1
V2
V3
V4
V5
+5.0V
+5.0V
CONTROL
CIRCUITRY
VOLTAGE
DAC
ADC FOR
OPC
MAX3701
+9.0V
f
1
+ 815
R
+ 50
OUT
FREQ
=
××
()
=+ ×
− ×
()


+
−−
−
−
15 10
10
13 10
310
262
50
200
12
15
63
IR
R
at
MHz
OUT
AMP
AMP
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com