Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3701 Datasheet HTML 1Page - Maxim Integrated Products MAX3701 Datasheet HTML 2Page - Maxim Integrated Products MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2x
_______________________________________________________________________________________
5
3
tON
tON
tOFF
tOFF
tPROP
tPROP
tPROP
EN
RWB
V1
D2
D3 TO D5
OUT
NOTE: EDGE SPEEDS ARE NOT TO SCALE. (tON/tOFF >> tPROP)
Note 11: Capable of tracking input changes up to 150µAP-P at 250kHz (with SEL set low).
Note 12: Assumes total tracking of output signal error relative to IMD at +25
°C and VCC = +5.0V.
Note 10: __________________________________________________________________________________________________See Figure 3.
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
10
15
20
25
30
35
5
-10
80
VOLTAGE SET
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
180
160
140
120
100
80
60
40
20
0.5
1.0
1.5
2.0
2.5
3.0
0
0
200
FOR V1 THROUGH V5
OSCILLATOR FREQUENCY
vs. FREQUENCY-SET RESISTOR
RFREQ (k
Ω)
5.25
4.50
3.75
3.00
2.25
225
300
375
450
525
600
150
1.50
6.00
________________________________________________________________
(VCC = +5.0V, VCCO = +9.0V, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V, VCCO = +8.5V to +9.5V, TA = 0
°C to +70°C. Typical values are at VCC = +5.0V, VCCO = +9.0V, IOUT =
100mA, TA = +25
°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com