Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3701 Datasheet HTML 2Page - Maxim Integrated Products MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products MAX3701 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2x
6
_______________________________________________________________________________________
OSCILLATOR CURRENT AMPLITUDE
vs. AMPLITUDE SET RESISTOR
RAMP (k
Ω)
12
8
46
2
20
40
60
80
100
120
140
160
0
0
400MHz
200MHz
10
OPTICAL OUTPUT WAVEFORM
(USING NICHIA 408nm LASER DIODE)
MAX3701 toc07
3.0ns/div
10mV/div
2x RATE 300Mbps
REFER TO APPLICATION NOTE
HFDN28.0 FOR DETAILS
OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
65
50
35
20
5
360
380
400
420
440
340
-10
80
-200ppm/
°C
ELECTRICAL OUTPUT WAVEFORM
(IDC = 50mA AND IAC = 50mAP-P)
MAX3701 toc06
3ns/div
70mV/div
OUTPUT NOISE
vs. NOISE FREQUENCY
NOISE FREQUENCY (MHz)
35
30
25
20
15
10
0.50
1.00
1.50
2.00
2.50
3.00
0
540
MEASURED AT
400MHz OUTPUT
WITH 45mA BIAS AND
40mAP-P AMPLITUDE
SAMPLE AND HOLD OUTPUT
vs. MONITOR-DIODE INPUT CURRENT
MDIN (
µA)
100
80
60
40
20
400
600
800
1000
1200
1400
200
0
120
SEL = HIGH
____________________________________________________________
(
)
(VCC = +5.0V, VCCO = +9.0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com