Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products MAX3701 Datasheet HTML 10Page - Maxim Integrated Products MAX3701 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2x
_______________________________________________________________________________________
7
1, 3, 7, 9, 23,
26, 30
GND
2
D5
4
D4
5INREF
6
D3
8
D2
10
V5
11
V4
12
V3
13
V2
14
V1
15, 20, 29
CC
16
MDOUT
17
SCLK
18
SEL
19
MDIN
____________________________________________________________________
RF OUTPUT AMPLITUDE
vs. OSCILLATOR FREQUENCY
OSCILLATOR FREQUENCY (MHz)
550
500
450
400
350
300
250
10
20
30
40
50
60
70
0
200
600
OPTICAL OUTPUT WAVEFORM
(USING NICHIA 408nm LASER DIODE)
MAX3701 toc11
1.5ns/div
10mV/div
1x RATE 500Mbps
REFER TO APPLICATION NOTE
HFDN28.0 FOR DETAILS
____________________________________________________________
(
)
(VCC = +5.0V, VCCO = +9.0V, TA = +25°C, unless otherwise noted.)
5
CMOS
4
CMOS
D2
D5 EN
RWB
+3.3V
3
CMOS
2
CMOS
5
5
4
4
3
3
2
2
1
(IBIAS)
1
(IBIAS)
+5.0V
/
CMOS/TTL
/
CMOS/TTL
SEL
1.667kΩ
SEL
10kΩ
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com