Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 5 Page - Texas Instruments

  LM82 Datasheet HTML 1Page - Texas Instruments LM82 Datasheet HTML 2Page - Texas Instruments LM82 Datasheet HTML 3Page - Texas Instruments LM82 Datasheet HTML 4Page - Texas Instruments LM82 Datasheet HTML 5Page - Texas Instruments LM82 Datasheet HTML 6Page - Texas Instruments LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
Temperature-to-Digital Converter Characteristics (continued)
Unless otherwise noted, these specifications apply for VCC=+3.0 Vdc to 3.6 Vdc. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA= TJ=+25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Parameter
Conditions
(Limit)
Conversion Time of All Temperatures
(4)
460
600
ms (max)
Quiescent Current (5)
SMBus (I2C) Inactive
0.500
0.80
mA (max)
D
− Source Voltage
0.7
V
Diode Source Current
(D+
− D−)=+ 0.65V; high level
125
μA (max)
60
μA (min)
Low level
15
μA (max)
5
μA (min)
T_CRIT_A and INT Output Saturation
IOUT = 3.0 mA
0.4
V (max)
Voltage
Power-On Reset Threshold
On VCC input, falling edge
2.3
V (max)
1.8
V (min)
Local and Remote T_CRIT and HIGH
See (6)
+127
°C
Default Temperature settings
(4)
This specification is provided only to indicate how often temperature data is updated. The LM82 can be read at any time without regard
to conversion state (and will yield last conversion result).
(5)
Quiescent current will not increase substantially with an active SMBus.
(6)
Default values set at power up.
Logic Electrical Characteristics-
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VCC=+3.0 to 3.6 Vdc. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA= TJ=+25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
SMBData, SMBCLK
VIN(1)
Logical “1” Input Voltage
2.1
V (min)
VIN(0)
Logical “0”Input Voltage
0.8
V (max)
VIN(HYST)
SMBData and SMBCLK Digital Input
300
mV
Hysteresis
IIN(1)
Logical “1” Input Current
VIN = VCC
0.005
1.5
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0 V
−0.005
1.5
μA (max)
ADD0, ADD1
VIN(1)
Logical “1” Input Voltage
VCC
1.5
V (min)
VIN(0)
Logical “0”Input Voltage
GND
0.6
V (max)
IIN(1)
Logical “1” Input Current
VIN = VCC
2
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0 V
-2
μA (max)
ALL DIGITAL INPUTS
CIN
Input Capacitance
20
pF
ALL DIGITAL OUTPUTS
IOH
High Level Output Current
VOH = VCC
100
μA (max)
VOL
SMBus Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
IOL = 6 mA
0.6
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com