Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM82 Datasheet HTML 10Page - Texas Instruments LM82 Datasheet HTML 11Page - Texas Instruments LM82 Datasheet HTML 12Page - Texas Instruments LM82 Datasheet HTML 13Page - Texas Instruments LM82 Datasheet HTML 14Page - Texas Instruments LM82 Datasheet HTML 15Page - Texas Instruments LM82 Datasheet HTML 16Page - Texas Instruments LM82 Datasheet HTML 17Page - Texas Instruments LM82 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM82
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
The data byte has the most significant bit first. At the end of a read, the LM82 can accept either Acknowledge or
No Acknowledge from the Master (No Acknowledge is typically used as a signal for the slave that the Master has
read its last byte).
SERIAL INTERFACE ERROR RECOVERY
The LM82 SMBus lines will be reset to the SMBus idle state if the SMBData or SMBCLK lines are held low for 40
ms or more (tTIMEOUT). The LM82 may or may not reset the state of the serial interface logic if either of the
SMBData or SMBCLK lines are held low between 25 ms and 40 ms. TIMEOUT allows a clean recovery in cases
where the master may be reset while the LM82 is transmitting a low bit thus preventing possible bus lock up.
Whenever the LM82 sees the start condition its serial interface will reset to the beginning of the communication,
thus the LM82 will expect to see an address byte next. This simplifies recovery when the master is reset while
the LM82 is transmitting a high.
LM82 Registers
COMMAND REGISTER
Selects which registers will be read from or written to. Data for this register should be transmitted during the
Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
0
Command Select
P0-P7: Command Select
Command Select
Power On Default State
Register Name
Register Function
Address
<P7:P0> hex
<D7:D0> binary
<D7:D0> decimal
00h
0000 0000
0
RLT
Read Local Temperature
01h
0000 0000
0
RRT
Read Remote Temperature
02h
0000 0000
0
RSR
Read Status Register
03h
0000 0000
0
RC
Read Configuration
04h
0000 0000
0
Reserved
05h
0111 1111
127
RLHS
Read Local HIGH Setpoint
06h
Reserved
07h
0111 1111
127
RRHS
Read Remote HIGH Setpoint
08h
Reserved
09h
0000 0000
WC
Write Configuration
0Ah
Reserved
0Bh
0111 1111
127
WLHS
Write Local HIGH Setpoint
0Ch
Reserved
0Dh
0111 1111
127
WRHS
Write Remote HIGH Setpoint
0Eh-2Fh
Reserved for Future Use
30h-31h
0000 0000
0
Reserved
32h-34h
Reserved for Future Use
35h
0000 0000
0
Reserved
36h-37h
Reserved for Future Use
38h
0111 1111
127
Reserved
39h
Reserved for Future Use
3Ah
0111 1111
127
Reserved
3Bh-41h
Reserved for Future Use
42h
0111 1111
127
RTCS
Read T_CRIT Setpoint
43h-4Fh
Reserved for Future Use
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com