Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM82 Datasheet HTML 2Page - Texas Instruments LM82 Datasheet HTML 3Page - Texas Instruments LM82 Datasheet HTML 4Page - Texas Instruments LM82 Datasheet HTML 5Page - Texas Instruments LM82 Datasheet HTML 6Page - Texas Instruments LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments LM82 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM82
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
Logic Electrical Characteristics-
SMBus DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for VCC=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines =
80 pF. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
The switching characteristics of the LM82 fully meet or exceed the published specifications of the SMBus or I
2C bus. The
following parameters are the timing relationships between SMBCLK and SMBData signals related to the LM82. They are not
the I
2C or SMBus bus specifications.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
fSMB
SMBus Clock Frequency
100
kHz (max)
10
kHz (min)
tLOW
SMBus Clock Low Time
10 % to 10 %
1.3
μs (min)
25
ms (max)
tLOWMEXT Cumulative Clock Low Extend Time
10
ms (max)
tHIGH
SMBus Clock High Time
90 % to 90%
0.6
μs (min)
tR,SMB
SMBus Rise Time
10% to 90%
1
μs (max)
tF,SMB
SMBus Fall Time
90% to 10%
0.3
ns (max)
tOF
Output Fall Time
CL = 400 pF,
250
ns (max)
IO = 3 mA
tTIMEOUT
SMBData and SMBCLK Time Low for Reset of
25
ms (min)
Serial Interface (3)
40
ms (max)
t1
SMBCLK (Clock) Period
10
μs (min)
t2, tSU;DAT
Data In Setup Time to SMBCLK High
100
ns (min)
t3, tHD;DAT
Data Out Stable after SMBCLK Low
300
ns (min)
TBD
ns (max)
t4, tHD;STA
SMBData Low Setup Time to SMBCLK Low
100
ns (min)
t5, tSU;STO
SMBData High Delay Time after SMBCLK High
100
ns (min)
(Stop Condition Setup)
t6, tSU;STA
SMBus Start-Condition Setup Time
0.6
μs (min)
tBUF
SMBus Free Time
1.3
μs (min)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will cause the LM82 to reset SMBData and
SMBCLK to the IDLE state of an SMBus communication (SMBCLK and SMBData set High).
Figure 2. SMBus Communication
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com