Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments LM82 Datasheet HTML 10Page - Texas Instruments LM82 Datasheet HTML 11Page - Texas Instruments LM82 Datasheet HTML 12Page - Texas Instruments LM82 Datasheet HTML 13Page - Texas Instruments LM82 Datasheet HTML 14Page - Texas Instruments LM82 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
Figure 10. T_CRIT_A output related circuitry logic diagram
Located in the Configuration Register are the mask bits for each temperature reading, see CONFIGURATION
REGISTER . When a mask bit is set, its corresponding status flag will not propagate to the T_CRIT_A output, but
will still be set in the Status Registers. Configuration register bits D5 and D3, labled “Remote T_CRIT_A mask”
must be set high before the T_CRIT setpoint is lowered in order for the T_CRIT_A output to function properly.
Setting all four mask bits or programming the T_CRIT setpoint to 127°C will disable the T_CRIT_A output.
POWER ON RESET DEFAULT STATES
LM82 always powers up to these known default states:
1. Command Register set to 00h
2. Local Temperature set to 0°C
3. Remote Temperature set to 0°C until the LM82 senses a diode present between the D+ and D
− input pins.
4. Status Register set to 00h.
5. Configuration Register set to 00h; INT enabled and all T_CRIT setpoints enabled to activate T_CRIT_A.
6. Local and Remote T_CRIT set to 127°C
SMBus INTERFACE
The LM82 operates as a slave on the SMBus, so the SMBCLK line is an input (no clock is generated by the
LM82) and the SMBData line is bi-directional. According to SMBus specifications, the LM82 has a 7-bit slave
address. Bit 4 (A3) of the slave address is hard wired inside the LM82 to a 1. The remainder of the address bits
are controlled by the state of the address select pins ADD1 and ADD0, and are set by connecting these pins to
ground for a low, (0), to VCC for a high, (1), or left floating (TRI-LEVEL).
Therefore, the complete slave address is:
A6
A5
A4
1
A2
A1
A0
MSB
LSB
and is selected as follows:
Address Select Pin State
LM82 SMBus Slave Address
ADD0
ADD1
A6:A0 binary
0
0
001 1000
0
TRI-LEVEL
001 1001
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com