Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM82 Datasheet HTML 16Page - Texas Instruments LM82 Datasheet HTML 17Page - Texas Instruments LM82 Datasheet HTML 18Page - Texas Instruments LM82 Datasheet HTML 19Page - Texas Instruments LM82 Datasheet HTML 20Page - Texas Instruments LM82 Datasheet HTML 21Page - Texas Instruments LM82 Datasheet HTML 22Page - Texas Instruments LM82 Datasheet HTML 23Page - Texas Instruments LM82 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
LM82
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
Figure 15. Ideal Diode Trace Layout
Noise coupling into the digital lines greater than 300mVp-p (typical hysteresis), overshoot greater than 500mV
above VCC, and undershoot less than 500mV below GND, may prevent successful SMBus communication with
the LM82. SMBus no acknowledge is the most common symptom, causing unnecessary traffic on the bus.
Although, the SMBus maximum frequency of communication is rather low (100kHz max) care still needs to be
taken to ensure proper termination within a system with multiple parts on the bus and long printed circuit board
traces. An R/C lowpass filter with a 3db corner frequency of about 40MHz has been included on the LM82's
SMBCLK input. Additional resistance can be added in series with the SMBData and SMBCLK lines to further
help filter noise and ringing. Minimize noise coupling by keeping digital traces out of switching power supply
areas as well as ensuring that digital lines containing high speed data communications cross at right angles to
the SMBData and SMBCLK lines.
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com