Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM82 Datasheet HTML 5Page - Texas Instruments LM82 Datasheet HTML 6Page - Texas Instruments LM82 Datasheet HTML 7Page - Texas Instruments LM82 Datasheet HTML 8Page - Texas Instruments LM82 Datasheet HTML 9Page - Texas Instruments LM82 Datasheet HTML 10Page - Texas Instruments LM82 Datasheet HTML 11Page - Texas Instruments LM82 Datasheet HTML 12Page - Texas Instruments LM82 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM82 temperature sensor incorporates a band-gap type temperature sensor using a Local or Remote diode
and an 8-bit ADC (Delta-Sigma Analog-to-Digital Converter). The LM82 is compatible with the serial SMBus and
I2C two wire interfaces. Digital comparators compare Local (LT) and Remote (RT) temperature readings to user-
programmable setpoints (LHS, RHS, and TCS). Activation of the INT output indicates that a comparison is
greater than the limit preset in a HIGH register. The T_CRIT setpoint (TCS) interacts with all the temperature
readings. Activation of the T_CRIT_A output indicates that any or all of the temperature readings have exceed
the T_CRIT setpoint.
CONVERSION SEQUENCE
The LM82 converts its own temperature as well as a remote diode temperature in the following sequence:
1. Local Temperature (LT)
2. Remote Diode (RT)
This round robin sequence takes approximately 480 ms to complete.
INT OUTPUT and T_HIGH LIMITS
Each temperature reading (LT, and RT) is associated with a T_HIGH setpoint register (LHS, RHS). At the end of
a temperature reading a digital comparison determines whether that reading has exceeded its HIGH setpoint. If
the temperature reading is greater than the HIGH setpoint, a bit is set in one of the Status Registers, to indicate
which temperature reading, and the INT output is activated.
Local and remote temperature diodes are sampled in sequence by the A/D converter. The INT output and the
Status Register flags are updated at the completion of a conversion, which occurs approximately 60 ms after a
temperature diode is sampled. INT is deactivated when the Status Register, containing the set bit, is read and a
temperature reading is less than or equal to it's corresponding HIGH setpoint, as shown in Figure 7. Figure 8
shows a simplified logic diagram for the INT output and related circuitry.
* Note: Status Register Bits are reset by a read of Status Register where bit is located.
Figure 7. INT Temperature Response Diagram
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com