Electronic Components Datasheet Search
  English  ▼

X  

LM82 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM82 Datasheet HTML 15Page - Texas Instruments LM82 Datasheet HTML 16Page - Texas Instruments LM82 Datasheet HTML 17Page - Texas Instruments LM82 Datasheet HTML 18Page - Texas Instruments LM82 Datasheet HTML 19Page - Texas Instruments LM82 Datasheet HTML 20Page - Texas Instruments LM82 Datasheet HTML 21Page - Texas Instruments LM82 Datasheet HTML 22Page - Texas Instruments LM82 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
•
q is the electron charge,
•
k is the Boltzmann's constant,
•
N is the current ratio,
•
T is the absolute temperature in °K.
(1)
The temperature sensor then measures
ΔVBE and converts to digital data. In this equation, k and q are well
defined universal constants, and N is a parameter controlled by the temperature sensor. The only other
parameter is
η, which depends on the diode that is used for measurement. Since ΔVBE is proportional to both η
and T, the variations in
η cannot be distinguished from variations in temperature. Since the non-ideality factor is
not controlled by the temperature sensor, it will directly add to the inaccuracy of the sensor. For the Pentium II
Intel specifies a ±1% variation in
η from part to part. As an example, assume a temperature sensor has an
accuracy specification of ±3 °C at room temperature of 25 °C and the process used to manufacture the diode
has a non-ideality variation of ±1%. The resulting accuracy of the temperature sensor at room temperature will
be:
TACC = ± 3°C + (±1% of 298 °K) = ±6 °C
(2)
The additional inaccuracy in the temperature measurement caused by
η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with.
PCB LAYOUT FOR MINIMIZING NOISE
In a noisy environment, such as a processor mother board, layout considerations are very critical. Noise induced
on traces running between the remote temperature diode sensor and the LM82 can cause temperature
conversion errors. The following guidelines should be followed:
1. Place a 0.1
μF power supply bypass capacitor as close as possible to the VCCpin and the recommended 2.2
nF capacitor as close as possible to the D+ and D
− pins. Make sure the traces to the 2.2nF capacitor are
matched.
2. The recommended 2.2nF diode bypass capacitor actually has a range of 200pF to 3.3nF. The average
temperature accuracy will not degrade. Increasing the capacitance will lower the corner frequency where
differential noise error affects the temperature reading thus producing a reading that is more stable.
Conversely, lowering the capacitance will increase the corner frequency where differential noise error affects
the temperature reading thus producing a reading that is less stable.
3. Ideally, the LM82 should be placed within 10cm of the Processor diode pins with the traces being as straight,
short and identical as possible. Trace resistance of 1
Ω can cause as much as 1°C of error.
4. Diode traces should be surrounded by a GND guard ring to either side, above and below if possible. This
GND guard should not be between the D+ and D
− lines. In the event that noise does couple to the diode
lines it would be ideal if it is coupled common mode. That is equally to the D+ and D
− lines.(See Figure 15)
5. Avoid routing diode traces in close proximity to power supply switching signals or filtering inductors.
6. Avoid running diode traces close to or parallel to high speed digital and bus lines. Diode traces should be
kept at least 2cm. apart from the high speed digital traces.
7. If it is necessary to cross high speed digital traces, the diode traces and the high speed digital traces should
cross at a 90 degree angle.
8. The ideal place to connect the LM82's GND pin is as close as possible to the Processors GND associated
with the sense diode.
9. Leakage current between D+ and GND should be kept to a minimum. One nano-ampere of leakage can
cause as much as 1°C of error in the diode temperature reading. Keeping the printed circuit board as clean
as possible will minimize leakage current.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com