Electronic Components Datasheet Search
  English  ▼

X  

ISO5452 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO5452 Datasheet HTML 3Page - Texas Instruments ISO5452 Datasheet HTML 4Page - Texas Instruments ISO5452 Datasheet HTML 5Page - Texas Instruments ISO5452 Datasheet HTML 6Page - Texas Instruments ISO5452 Datasheet HTML 7Page - Texas Instruments ISO5452 Datasheet HTML 8Page - Texas Instruments ISO5452 Datasheet HTML 9Page - Texas Instruments ISO5452 Datasheet HTML 10Page - Texas Instruments ISO5452 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
8.5
8.6
8.7
8.8
8.9
9
9.1
9.2
D005
15 V Unipolar
30 V Unipolar
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
6
7
D002
VOUT - VEE2 = 2.5 V
VOUT - VEE2 = 5 V
VOUT - VEE2 = 10 V
VOUT - VEE2 = 15 V
VOUT - VEE2 = 20 V
VOUTH/L - VEE2 Voltage (V)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
D004
TA = -40GC
TA = 25GC
TA = 125GC
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
D001
VCC2 - VOUT = 2.5 V
VCC2 - VOUT = 5 V
VCC2 - VOUT = 10 V
VCC2 - VOUT = 15 V
VCC2 - VOUT = 20 V
VCC2 - VOUTH/L Voltage (V)
0
5
10
15
20
25
30
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
D003
TA = -40GC
TA = 25GC
TA = 125GC
ISO5452
www.ti.com
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
7.8 Typical Characteristics
Figure 1. Output High Drive Current vs Temperature
Figure 2. Output High Drive Current vs Output Voltage
Figure 3. Output Low Drive Current vs Temperature
Figure 4. Output Low Drive Current vs Output Voltage
Unipolar: VCC2 - VEE2 = VCC2 - GND2
Figure 5. DESAT Threshold Voltage vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO5452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com