Electronic Components Datasheet Search
  English  ▼

X  

ISO5452 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO5452 Datasheet HTML 7Page - Texas Instruments ISO5452 Datasheet HTML 8Page - Texas Instruments ISO5452 Datasheet HTML 9Page - Texas Instruments ISO5452 Datasheet HTML 10Page - Texas Instruments ISO5452 Datasheet HTML 11Page - Texas Instruments ISO5452 Datasheet HTML 12Page - Texas Instruments ISO5452 Datasheet HTML 13Page - Texas Instruments ISO5452 Datasheet HTML 14Page - Texas Instruments ISO5452 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Load Capacitance (nF)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
1400
1600
1800
2000
D018
VCC2 = 15 V
VCC2 = 30 V
Ambient Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
300
320
340
360
380
400
420
440
460
480
500
D019
VCC2 = 15 V
VCC2 = 30 V
Load Capacitance (nF)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
D016
VCC2 = 15 V
VCC2 = 30 V
Load Capacitance (nF)
0
10
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
5000
6000
D017
VCC2 = 15 V
VCC2 = 30 V
Ambient Temperature (GC)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
D014
tpLH at VCC2 = 15 V
tpLH at VCC2 = 30 V
tpHL at VCC2 = 15 V
tpHL at VCC2 = 30 V
Load Capacitance (nF)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
700
800
900
1000
D015
VCC2 = 15 V
VCC2 = 30 V
ISO5452
www.ti.com
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
RGH = 10 Ω
RGL = 5 Ω
VCC1 = 5 V
RGH = 0 Ω
RGL = 0 Ω
VCC1 = 5 V
Figure 24. Propagation Delay vs Load Capacitance
Figure 25. tr Rise Time vs Load Capacitance
RGH = 0 Ω
RGL = 0 Ω
VCC1 = 5 V
RGH = 10 Ω
RGL = 5 Ω
VCC1 = 5 V
Figure 26. tf Fall Time v. Load Capacitance
Figure 27. tr Rise Time vs Load Capacitance
RGH = 10 Ω
RGL = 5 Ω
VCC1 = 5 V
Figure 28. tf Fall Time vs Load Capacitance
Figure 29. Leading Edge Blanking Time With Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO5452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com