Electronic Components Datasheet Search
  English  ▼

X  

ISO5452 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ISO5452 Datasheet HTML 23Page - Texas Instruments ISO5452 Datasheet HTML 24Page - Texas Instruments ISO5452 Datasheet HTML 25Page - Texas Instruments ISO5452 Datasheet HTML 26Page - Texas Instruments ISO5452 Datasheet HTML 27Page - Texas Instruments ISO5452 Datasheet HTML 28Page - Texas Instruments ISO5452 Datasheet HTML 29Page - Texas Instruments ISO5452 Datasheet HTML 30Page - Texas Instruments ISO5452 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DESAT
GND2
VCC2
15V
1F
DDST
VEE2
220
pF
CLAMP
3
1, 8
5
4
6
2
7
15V
1F
RGL
OUTH
OUTL
ISO5452
VFW
RS
VFW-Inst
RGH
ISO5452
www.ti.com
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
Figure 54. DESAT Pin Protection with Series Resistor and Schottky Diode
10.2.2.8 DESAT Diode and DESAT Threshold
The DESAT diode’s function is to conduct forward current, allowing sensing of the IGBT’s saturated collector-to-
emitter voltage, V(DESAT), (when the IGBT is "on") and to block high voltages (when the IGBT is "off"). During the
short transition time when the IGBT is switching, there is commonly a high dVCE/dt voltage ramp rate across the
IGBT. This results in a charging current ICHARGE = C(D-DESAT) x dVCE/dt, charging the blanking capacitor. C(D-DESAT)
is the diode capacitance at DESAT.
To minimize this current and avoid false DESAT triggering, fast switching diodes with low capacitance are
recommended. As the diode capacitance builds a voltage divider with the blanking capacitor, large collector
voltage transients appear at DESAT attenuated by the ratio of 1+ C(BLANK) / C(D-DESAT).
Because the sum of the DESAT diode forward-voltage and the IGBT collector-emitter voltage make up the
voltage at the DESAT-pin, VF + VCE = V(DESAT), the VCE level, which triggers a fault condition, can be modified by
adding multiple DESAT diodes in series: VCE-FAULT(TH) = 9 V – n x VF (where n is the number of DESAT diodes).
When using two diodes instead of one, diodes with half the required maximum reverse-voltage rating may be
chosen.
10.2.2.9 Determining the Maximum Available, Dynamic Output Power, POD-max
The ISO5452 maximum allowed total power consumption of PD = 251 mW consists of the total input power, PID,
the total output power, POD, and the output power under load, POL:
PD = PID + POD + POL
(1)
With:
PID = VCC1-max × ICC1-max = 5.5 V × 4.5 mA = 24.75 mW
(2)
and:
POD = (VCC2 – VEE2) x ICC2-max = (15V – ( –8V)) × 6 mA = 138 mW
(3)
then:
POL = PD – PID – POD = 251 mW – 24.75 mW – 138 mW = 88.25 mW
(4)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ISO5452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com