Electronic Components Datasheet Search
  English  ▼

X  

ISO5452 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452 Datasheet(HTML) 1 Page - Texas Instruments

  ISO5452 Datasheet HTML 1Page - Texas Instruments ISO5452 Datasheet HTML 2Page - Texas Instruments ISO5452 Datasheet HTML 3Page - Texas Instruments ISO5452 Datasheet HTML 4Page - Texas Instruments ISO5452 Datasheet HTML 5Page - Texas Instruments ISO5452 Datasheet HTML 6Page - Texas Instruments ISO5452 Datasheet HTML 7Page - Texas Instruments ISO5452 Datasheet HTML 8Page - Texas Instruments ISO5452 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO5452
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
ISO5452 High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
with Split Outputs and Active Safety Features
1 Features
3 Description
The ISO5452 is a 5.7-kVRMS, reinforced isolated gate
1
•
50-kV/
μs Minimum and 100-kV/μs Typical
driver for IGBTs and MOSFETs with split outputs,
Common-Mode Transient Immunity (CMTI)
OUTH and OUTL, providing 2.5-A source and 5-A
at VCM = 1500 V
sink current. The input side operates from a single
•
Split Outputs to provide 2.5-A Peak Source and
2.25-V to 5.5-V supply. The output side allows for a
5-A Peak Sink Currents
supply range from minimum 15-V to maximum
30-V. Two complementary CMOS inputs control the
•
Short Propagation Delay: 76 ns (Typ),
output state of the gate driver. The short propagation
110 ns (Max)
time of 76 ns assures accurate control of the output
•
2-A Active Miller Clamp
stage.
•
Output Short-Circuit Clamp
An internal desaturation (DESAT) fault detection
•
Soft Turn-Off (STO) during Short Circuit
recognizes when the IGBT is in an overcurrent
•
Fault Alarm upon Desaturation Detection is
condition. Upon a DESAT detect, a Mute logic
Signaled on FLT and Reset Through RST
immediately blocks the output of the isolator and
initiates a soft-turn-off procedure which disables,
•
Input and Output Under Voltage Lock-Out (UVLO)
OUTH, and pulls OUTL to low over a time span of
with Ready (RDY) Pin Indication
2
μs. When OUTL reaches 2 V with respect to the
•
Active Output Pull-down and Default Low Outputs
most negative supply potential, VEE2, the gate driver
with Low Supply or Floating Inputs
output is pulled hard to VEE2 potential turning the
•
2.25-V to 5.5-V Input Supply Voltage
IGBT immediately off.
•
15-V to 30-V Output Driver Supply Voltage
When desaturation is active, a fault signal is sent
across the isolation barrier pulling the FLT output at
•
CMOS Compatible Inputs
the input side low and blocking the isolator input.
•
Rejects Input Pulses and Noise Transients
Mute logic is activated through the soft-turn-off
Shorter Than 20 ns
period. The FLT output condition is latched and can
•
Operating Temperature: –40°C to 125°C Ambient
be reset only after RDY goes high, through a low-
•
Surge Immunity 10000-VPK (according to IEC
active pulse at the RST input.
61000-4-5)
Device Information(1)
•
Safety and Regulatory Certifications:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
8000-VPK VIOTM and 1420-VPK VIORM
ISO5452
SOIC (16)
10.30 mm × 7.50 mm
Reinforced Isolation per DIN V VDE V 0884-10
(1) For all available packages, see the orderable addendum at
(VDE V 0884-10):2006-12
the end of the datasheet.
–
5700-VRMS Isolation for 1 Minute per UL 1577
–
CSA Component Acceptance Notice 5A, IEC
Functional Block Diagram
60950-1, IEC 60601-1 and IEC 61010-1 End
Equipment Standards
–
CQC Certification per GB4943.1-2011
–
All Certifications are Planned
2 Applications
•
Isolated IGBT and MOSFET Drives in
–
Industrial Motor Control Drives
–
Industrial Power Supplies
–
Solar Inverters
–
HEV and EV Power Modules
–
Induction Heating
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO5452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452QDWQ1 TI1-ISO5452QDWQ1 Datasheet
1Mb / 41P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452QDWRQ1 TI1-ISO5452QDWRQ1 Datasheet
1Mb / 41P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results

Similar Description - ISO5452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
2.5 A Isolated IGBT, MOSFET Gate Driver
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S TI-ISO5852S_15 Datasheet
1Mb / 37P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com