Electronic Components Datasheet Search
  English  ▼

X  

ISO5452 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5452
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5452 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISO5452 Datasheet HTML 21Page - Texas Instruments ISO5452 Datasheet HTML 22Page - Texas Instruments ISO5452 Datasheet HTML 23Page - Texas Instruments ISO5452 Datasheet HTML 24Page - Texas Instruments ISO5452 Datasheet HTML 25Page - Texas Instruments ISO5452 Datasheet HTML 26Page - Texas Instruments ISO5452 Datasheet HTML 27Page - Texas Instruments ISO5452 Datasheet HTML 28Page - Texas Instruments ISO5452 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
15
9, 16
11
10
12
13
14
IN-
IN+
RDY
RST
10k
10k
FLT
VCC1
0.1F
GND1
2.25V-5.5V
10R
ISO5452

C
FLTs
RSTs
to other
to other
15
9, 16
11
10
12
13
14
IN-
IN+
RDY
10k
10k
VCC1
0.1F
GND1
2.25V-5.5V
10R
ISO5452

C
FLT
RST
15
9, 16
11
10
12
13
14
IN-
IN+
RDY
10k
10k
VCC1
0.1F
GND1
2.25V-5.5V
10R
ISO5452

C
RST
FLT
ISO5452
www.ti.com
SLLSEQ4A – AUGUST 2015 – REVISED SEPTEMBER 2015
10.2.2.4 Local Shutdown and Reset
In applications with local shutdown and reset, the FLT output of each gate driver is polled separately, and the
individual reset lines are asserted low independently to reset the motor controller after a fault condition.
Figure 51. Local Shutdown and Reset for Noninverting (left) and Inverting Input Configuration (right)
10.2.2.5 Global-Shutdown and Reset
When configured for inverting operation, the ISO5452 can be configured to shutdown automatically in the event
of a fault condition by tying the FLT output to IN+. For high reliability drives, the open drain FLT outputs of
multiple ISO5452 devices can be wired together forming a single, common fault bus for interfacing directly to the
micro-controller. When any of the six gate drivers of a three-phase inverter detects a fault, the active low FLT
output disables all six gate drivers simultaneously.
Figure 52. Global Shutdown with Inverting Input Configuration
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ISO5452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com