Electronic Components Datasheet Search
  English  ▼

X  

AP4201 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
[AP4201]
015008157-E-00
- 9 -
2015/09
7.
Absolute Maximum Rating
Parameter
Symbol
min
max
Unit
VIN voltage
VIN
-0.3
30
V
LEDR0-8, LEDG0-8, LED B0-8 voltage
VLED
-0.3
30
V
CSB/LAT, SCK/CLK, TxD/SI, A0-2, A3/CLRB,
A4/ENB, RxD/SO, DRSET Voltage (Note 7)
-
-0.3
VDC1 + 0.3
V
VDC2 Voltage
-
-0.3
1.98
V
PWMSET, VDC1, ISET_R, ISET_G, ISET_B
voltage
-
-0.3
5.5
V
Power Dissipation (Note 5, Note 6)
PD
-
1400
mW
Storage Temperature
TSTG
-40
150
°C
Note 4. All voltages are with respect to GND pin (GND, PGND) as zero (reference) voltage.
Note 5. PD is decreased at the rate of 14mW/C when Ta≥25C. (Mounted on 100 mm  103 mm t=1.0mm
double side FR-4 board.)
Note 6. When calculating thermal design, please include the heat generated by the internal regulator along
with the LED pins.
• The case of fixed current output:
IC power consumption
= LED pins power consumption (LED current*LED pin voltage) * LED numbers
+Internal LDO power consumption [(VIN-VDC1) * (VDC1 output current+IC consumption (8.5mA))]
+VDC1*IC consumption (8.5mA)
• The case of open drain output:
IC power consumption
= LED pins power consumption (LED current*LED current*LED ON-resistor 9.3ohm)*LED numbers
+Internal LDO power consumption [(VIN-VDC1) * (VDC1 output current+IC consumption (2mA))]
+VDC1*IC consumption (2mA)
Note 7. The maximum value is limited to 5.5V when the VDC1 exceeds 5.2V.
WARING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
8.
Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Conditions
Input Voltage 1
VIN1
8.0
12.0
24.0
V
Not connect VIN pin and
VDC1 pin
Input Voltage 2
VIN2
4.5
5.0
5.5
V
Connect VIN pin and VDC1
pin
Maximum LDO1 output
current
IDC
-
-
30
mA
VIN=12V
Maximum LED pin voltage
VLEDOFF
-
-
24.0
V
LED pin= off setting
Operation Temperature
Ta
0
-
70
°C
Note 8. Input range (VIN pin voltage) = 5.5V~8.0V is prohibited.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com