Electronic Components Datasheet Search
  English  ▼

X  

AP4201 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
[AP4201]
015008157-E-00
- 12 -
2015/09
CSB
SCK
TxD
RxD
tSCKH
tSCKP
tSCKW
tSCKW
tDIS
tDIH
Hi-Z
“H”
“L”
tPD
tPD
CSB
SCK
TxD
RxD
tOZ
tCSH
SCK, CSB, TxD
0.8 VDC
tSCR
tSCF
0.2 VDC
Figure 3. SCI Interface Timing Chart 2
■ Serial F/F Control (AC timing)
Table 2. Serial F/F Control Timing
Parameter
Symbol
min
typ
max
Unit
Condition
CLK Period
tCLP
100
-
-
ns
CLK Pulse Width
tCLW
40
-
-
ns
Data Set-up Time
tDIS
25
-
-
ns
Data Hold Time
tDIH
40
-
-
ns
LAT Pulse Width
tLAW
2
-
-
μs
The AC timings of CLK (SCK), LAT (CSB), SI (TxD) and SO (RxD) are the same as the SCI interface except
data set-up time and data hold time. But the SO (RxD) pin output delay time is the value when CL=20pF.
CLK
LAT
tCLW
tCLP
tCLW
tLAW
tLAW
Figure 4. Serial F/F Control timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com