Electronic Components Datasheet Search
  English  ▼

X  

AP4201 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 16Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 17Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
[AP4201]
015008157-E-00
- 14 -
2015/09
Table 5. LED Line Address
LED line address
Channel
(LED line)
LED line address
Channel
(LED line)
ch3
ch2
ch1
ch0
ch3
ch2
ch1
ch0
0
0
0
0
LEDR0, LEDG0, LEDB0
1
0
0
0
LEDR8, LEDG8, LEDB8
0
0
0
1
LEDR1, LEDG1, LEDB1
1
0
0
1
LEDR8~LEDR0
write to LEDR pins in order
0
0
1
0
LEDR2, LEDG2, LEDB2
1
0
1
0
LEDG8~LEDG0
write to LEDG pins in order
0
0
1
1
LEDR3, LEDG3, LEDB3
1
0
1
1
LEDB8~LEDB0
write to LEDB pins in order
0
1
0
0
LEDR4, LEDG4, LEDB4
1
1
0
0
LED*8~LED*0
write to LEDR,G,B pins with
same data at the same time
0
1
0
1
LEDR5, LEDG5, LEDB5
1
1
0
1
LED**
write to all LED pins with same
data
0
1
1
0
LEDR6, LEDG6, LEDB6
1
1
1
0
Setting is prohibited
0
1
1
1
LEDR7, LEDG7, LEDB7
1
1
1
1
Table 6. Command Table
Command
Instruction
IC address
RW
ALL
RST
LED address
Pin
SCL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCK
Normal
0
0
1
0
A4
A3
A2
A1
A0
RW
ALL
RST
ch3
ch2
ch1 ch0
TxD
Unreflected
0
0
0
1
Lach
0
0
0
0
Do Not Enter
Note 12. Changing setting of the A4~A0 pins is prohibited when the CSB pin= “L” (during command input).
Note 13.
1. Normal Command: when the CSB pin is set “H” after executing a command, the state of the LED lighting
reflects the PWM gradation data configured by the command.
2. Unreflected Command: when the CSB pin is set “H” after executing a command, the state of LED
lighting does not reflect the PWM gradation data configured by the command. LED lighting is not
changed by executing the command.
3. Latch Command: Latch Command simultaneously executes the LED lighting based on all the PWM
gradation data in the IC when the CSB pin is set “H” after executing the Latch command.
4. When the latch command is executed, LEDs that are not set with PWM gradation data are turned off.
5. In case of the latch command, the CSB pin can be set “H” after entering the “4-bit” instruction.
6. When ALL= “0” is set, the PWM gradation data should be set for 1-RGB (=3 LED lines).
e.g. In the case of ch3~ch0= “0011”, (R3D7~R3D0) (G3D7~G3D0) (B3D7~B3D0) should be set with
the same command.
7. When ALL= “0” is set, there is a possibility that the AP4201 becomes shipping test status by setting a one
LED line address to the “setting prohibited status” twice continuously. (It is necessary to supply the
power again to recover from this shipping test status.)
Table 7. IC Address List
IC Address Data [A4~A0]: Command will be executed to the assigned IC address.
00000 = Address 0
00001 = Address 1
00010 = Address 2
00011 = Address 3
00100 = Address 4
00101 = Address 5
00110 = Address 6
00111 = Address 7
01000 = Address 8
01001 = Address 9
01010 = Address 10
01011 = Address 11
01100 = Address 12
01101 = Address 13
01110 = Address 14
01111 = Address 15
10000 = Address 16
10001 = Address 17
10010 = Address 18
10011 = Address 19
10100 = Address 20
10101 = Address 21
10110 = Address 22
10111 = Address 23
11000 = Address 24
11001 = Address 25
11010 = Address 26
11011 = Address 27
11100 = Address 28
11101 = Address 29
11110 = Address 30
11111 = Address 31
Note 14. Set address 0~31 by the A4~A0 pin for IC address setting (connect to GND or OPEN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com