Electronic Components Datasheet Search
  English  ▼

X  

AP4201 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
[AP4201]
015008157-E-00
- 11 -
2015/09
■ SCI Interface (AC timing)
Table 1. SCI Timing
Parameter
Symbol
min
typ
max
Unit
Condition
SCK Period
tSCKP
200
-
-
ns
SCK Pulse Width
tSCKW
60
-
-
ns
CSB Set-up Time
tCSS
50
-
-
ns
CSB Hold Time
tCSH
70
-
-
ns
Data Set-up Time
tDIS
50
-
-
ns
Data Hold Time
tDIH
70
-
-
ns
RxD pin Output Delay Time
tPD
-
-
80
ns
CL=100pF
-
-
50
ns
CL=20pF
CSB High-level Minimum Time
tCS
2
-
-
μs
RxD pin High-impedance Output
Delay Time
tOZ
-
-
250
ns
CL=100pF
SCK, CSB, TxD Raising Time
tCSR
-
-
tSCKW×15%
ns
tSCKW<4000ns
-
-
600
ns
tSCKW≥4000ns
SCK, CSB, TxD Falling Time
tCSF
-
-
tSCKW×15%
ns
tSCKW<4000ns
-
-
600
ns
tSCKW≥4000ns
CSB
SCK
TxD
RxD
tCS
tCSS
tSCKP
tSCKW
tSCKW
tDIS
tDIH
Hi-Z
Figure 2. SCI Interface Timing Chart 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com