Electronic Components Datasheet Search
  English  ▼

X  

AP4201 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 16Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 17Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 18Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 19Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 20Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 21Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
[AP4201]
015008157-E-00
- 17 -
2015/09
SCK
TxD
RW=0,ALL=1,RST=0,ch3~ch0=任意 の場合
CSB
0
0
1
0
A4
A3
A2
A1
A0
RW ALL RST ch3
ch2
ch1
ch0
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SCK
TxD
33
48
42
43
44
45
46
47
34
35
36
37
38
39
40
41
SCK
TxD
217
232
226
227
228
229
230
231
218
219
220
221
222
223
224
225
CSB
SCK
TxD
17
32
26
27
28
29
30
31
18
19
20
21
22
23
24
25
RxD
Hi-Z
RxD
R8D5
R8D4
R8D3
R8D2
R8D1
R8D0
G8D7
G8D6
G8D5
G8D4
G8D3
G8D2
G8D1
G8D0
R8D7
R8D6
RxD
B8D5
B8D4
B8D3
B8D2
B8D1
B8D0
R7D7
R7D6
R7D5
R7D4
R7D3
R7D2
R7D1
R7D0
B8D7
B8D6
RxD
G0D5
G0D4
G0D3
G0D2
G0D1
G0D0
B0D7
B0D6
B0D5
B0D4
B0D3
B0D2
B0D1
B0D0
G0D7
G0D6
SCK
TxD
RW=0,ALL=0,RST=0,ch3~ch0=0010 の場合
CSB
0
0
1
0
A4
A3
A2
A1
A0
RW ALL RST ch3
ch2
ch1
ch0
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SCK
TxD
CSB
RxD
Hi-Z
RxD
B2D1
B2D0
B2D3
B2D2
SCK
TxD
17
32
26
27
28
29
30
31
18
19
20
21
22
23
24
25
RxD
R2D5
R2D4
R2D3
R2D2
R2D1
R2D0
G2D7
G2D6
G2D5
G2D4
G2D3
G2D2
G2D1
G2D0
R2D7
R2D6
33
34
35
36
37
38
39
40
B2D4
B2D6
B2D5
B2D7
RW= “0”, ALL= “1”, RST= “0”, ch3~ch0= “random”
RW= “0”, ALL= “0”, RST= “0”, ch3~ch0= “0010”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com