Electronic Components Datasheet Search
  English  ▼

X  

AP4201 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
[AP4201]
015008157-E-00
- 10 -
2015/09
9.
Electrical Characteristics
(VIN=12V, GND=PGND=0V, Ta=+25 C, Capacitor at VIN, VDC1 and VDC2 pins = 1.0μF. DRSET=”H”
(fixed current), RISET_R=RISET_G=RISET_B= 33.3kΩ; Recommend Parts, unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Conditions
Power Consumption
IDD1
-
1.2
2.0
mA
DRSET=”L” (open drain)
PWM duty= 0%
IDD2
-
1.3
2.0
DRSET=”L” (open drain)
PWM duty=50%
IDD3
-
5.0
8.5
DRSET=”H” (fixed current)
PWM duty= 0%
IDD4
-
5.0
8.5
DRSET=”L” (fixed current)
PWM duty= 50%
VIN Reset Voltage
VINRST
-
4.0
4.2
V
Activated by decreasing VIN from
normal state.
VIN Hysteresis Width
VINHYS
-
0.2
-
V
Hysteresis between VINrst and
VIN set voltage (VINset)
(VINset>VINrst)
LDO1 Output Voltage
VDC1
4.75
5.0
5.25
V
VIN=12V, IDC1=-30mA (Note 9)
LDO2 Output Voltage
VDC2
-
1.8
-
V
VIN=12V, IDC2=-0mA
LED Current Capability
per Channel
ILEDO
-
-
100
mA
DRSET=”L” (open drain)
ILEDC
-
-
50
mA
DRSET= “H” (fixed current)
LED current switching
MOS-FET ON resistance
RLED
-
6
9.3
Ω
DRSET=”L” (open drain)
LED current= +100mA
LED pin Voltage
(for all 27 channels)
RLED
1.8
-
(Note 10)
V
DRSET=”H” (fixed current)
LED current= +50mA
RISET= 20kΩ
0.8
-
(Note 10)
V
DRSET=”H” (fixed current)
LED current= +15mA
RISET= 66.7kΩ
LED Current Accuracy 1
ILEDC1
28.05
30.0
31.95
mA
DRSET=”H” (fixed current)
LED Current Accuracy 2
ILEDC2
13.95
15.0
16.05
mA
DRSET=”H” (fixed current)
RISET= 66.7kΩ
LED Current Mismatch
△I
LED
-4
-
4
%
DRSET=”H” (fixed current)
(Note 11)
LED pin off-lead Current
ILEAK_LED
-
-
1.0
μA
LED pin voltage= 24V
PWM Period Accuracy
TPWM
-10
-
+10
%
All setting value
PWM Setting Range
DPWM
0
-
100
%
All setting value
PWM Setting Error
-
-
±1
-
LSB
PWMSET=”L”
-
±1
-
LSB
PWMSET=”H”
Input High-level Voltage
VIH
2.5
-
5.5
V
Input Low-level Voltage
VIL
-0.2
-
0.5
V
Output High-level
Voltage
VOH
3.7
-
5.3
V
IO=-500μA
Output Low-level Voltage
VOL
0
-
0.8
V
IO=+500μA
Input Leak Current
ILI
-1.0
-
1.0
μA
CSB, SCK, TxD pins
Output Leak Current
ILO
-1.0
-
1.0
μA
Note 9.
IDC1=-30mA means that internal 5V LDO1 (VDC1 pin) can drive external circuit less than 30mA.
Note 10.
VLED identifies the voltage range. There is a range that cannot be set even less than absolute maximum
voltage (30V) because of the maximum power dissipation. Please refer to “10.8 Protection Functions”.
Note 11
.
100
I
I
I
I
(%)
I
LEDxxMIN
LEDxxMAX
LEDxxMIN
LEDxxMAX
LED
△



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com