Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA659IDBVR Datasheet HTML 18Page - Texas Instruments OPA659IDBVR Datasheet HTML 19Page - Texas Instruments OPA659IDBVR Datasheet HTML 20Page - Texas Instruments OPA659IDBVR Datasheet HTML 21Page - Texas Instruments OPA659IDBVR Datasheet HTML 22Page - Texas Instruments OPA659IDBVR Datasheet HTML 23Page - Texas Instruments OPA659IDBVR Datasheet HTML 24Page - Texas Instruments OPA659IDBVR Datasheet HTML 25Page - Texas Instruments OPA659IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Bypass
Capacitors
Output-matching
resistor close to
VOUT minimizes
parasitic output
capacitance
Bypass
Capacitors
Ground plane
removed under
VIN
Minimize the
trace length of
the feedback
element
OPA659
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
www.ti.com
Layout Guidelines (continued)
attenuation as a result of the voltage divider formed by the series output into the terminating impedance.
5. Socketing a high-speed part such as the OPA659 is not recommended. The additional lead length and
pin-to-pin capacitance introduced by the socket can create an extremely troublesome parasitic network that
can make it almost impossible to achieve a smooth, stable frequency response. Best results are obtained by
soldering the OPA659 directly onto the board.
6. The thermal slug on bottom of OPA659 DRB package must be tied to the most negative supply. The
DRB package is a thermally-enhanced package. Best results are obtained by soldering the exposed metal
tab on the bottom of the OPA659 DRB directly to a metal plane on the PCB that is connected to the most
negative supply voltage of the operational amplifier. For general layout guidelines, refer to the EVM layout in
the Schematic and PCB Layout section.
11.2 Layout Example
Figure 43. Layout Recommendation
11.3 Thermal Pad Information
The DRB package includes an exposed thermal pad for increased thermal performance. When using this
package, TI recommends to distribute the negative supply as a power plane, and tie the thermal pad to this
supply with multiple vias for proper power dissipation. For proper operation, the thermal pad must be tied to the
most negative supply voltage. TI recommends using five evenly-spaced vias under the device as shown in the
EVM layer views (see Figure 45). For more general data and detailed information about the exposed thermal
pad, go to www.ti.com/thermal.
22
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com