Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments OPA659IDBVR Datasheet HTML 10Page - Texas Instruments OPA659IDBVR Datasheet HTML 11Page - Texas Instruments OPA659IDBVR Datasheet HTML 12Page - Texas Instruments OPA659IDBVR Datasheet HTML 13Page - Texas Instruments OPA659IDBVR Datasheet HTML 14Page - Texas Instruments OPA659IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
130
120
110
100
90
80
70
60
50
40
100k
1M
10M
100M
Frequency(Hz)
R =1M ,C =Open
F
F
W
R =1k ,C =4.7pF
F
F
W
R =10k ,
C =Open
F
F
W
R =10k ,C =1.5pF
F
F
W
R =100k ,C =Open
F
F
W
R =100k ,
C =0.5pF
F
F
W
R =1k ,C =Open
F
F
W
130
120
110
100
90
80
70
60
50
40
100k
1M
10M
100M
Frequency(Hz)
R =1M ,C =Open
F
F
W
R =1k ,C =4.7pF
F
F
W
R =10k ,
C =Open
F
F
W
R =10k ,C =1.5pF
F
F
W
R =100k ,C =Open
F
F
W
R =100k ,
C =0.5pF
F
F
W
R =1k ,C =Open
F
F
W
R =1M ,
C =0.25pF
W
F
F
1k
100
10
1
0.1
0.01
100k
1M
10M
100M
1G
Frequency(Hz)
V = 6.0V
G=+1V/V
S
±
130
120
110
100
90
80
70
60
50
40
100k
1M
10M
100M
Frequency(Hz)
R =1M ,C =Open
F
F
W
R =1k ,C =3.3pF
F
F
W
R =10k ,
C =Open
F
F
W
R =10k ,C =1pF
F
F
W
R =100k ,C =Open
F
F
W
R =100k ,
C =0.25pF
F
F
W
R =1k ,C =Open
F
F
W
5
0
5
10
15
20
25
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
C =10pF,R
=30.1W
L
ISO
C =1000pF,R
=5
L
ISO
W
C =100pF,R
=12.1
L
ISO
W
V = 6.0V
G=+1V/V
S
±
10k
100k
1M
10M
100M
1G
Frequency(Hz)
60
50
40
30
20
10
0
10
20
-
-
0
45
90
135
180
-
-
-
-
A
Phase
OL
A
Gain
OL
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
At VS = ±6 V, RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, unless otherwise noted.
Figure 26. Open-Loop Gain and Phase
Figure 25. Frequency Response vs Capacitive Load
(RLOAD = 1 kΩ)
Figure 27. Closed-Loop Output Impedance vs Frequency
Figure 28. Transimpedance Gain vs Frequency (CD = 10 pF)
Figure 29. Transimpedance Gain vs Frequency (CD = 22 pF)
Figure 30. Transimpedance Gain vs Frequency (CD = 47 pF)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com