Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA659IDBVR Datasheet HTML 5Page - Texas Instruments OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments OPA659IDBVR Datasheet HTML 10Page - Texas Instruments OPA659IDBVR Datasheet HTML 11Page - Texas Instruments OPA659IDBVR Datasheet HTML 12Page - Texas Instruments OPA659IDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
-
-
-
-
-
-
-
-
70
75
80
85
90
95
100
105
110
-
4.0
4.5
5.0
5.5
6.0
±SupplyVoltage(V)
6
Third
Harmonic
Second
Harmonic
f=10MHz
V
=
OUT
PP
Gain=+2V/V
R =100
L
W
2V
-50
60
70
80
90
100
110
-
-
-
-
-
-
0
2
4
6
V
(V
)
OUT
PP
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
W
R =100
f=10MHz
L
W
±
6
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
InvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R
( )
W
LOAD
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
PP
W
V
=2V
f=10MHz
OUT
±
-50
60
70
80
90
100
110
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Third
Harmonic
Second
Harmonic
V = 6.0V
G=1V/V
R =0
R =100
S
F
L
PP
W
W
V
=2V
OUT
±
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
NoninvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
At VS = ±6 V, RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, unless otherwise noted.
Figure 13. Harmonic Distortion vs Frequency
Figure 14. Harmonic Distortion vs Noninverting Gain at
10 MHz
Figure 16. Harmonic Distortion vs Load Resistance at
Figure 15. Harmonic Distortion vs Inverting Gain at 10 MHz
10 MHz
Figure 17. Harmonic Distortion vs Output Voltage
Figure 18. Harmonic Distortion vs ±Supply Voltage
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com