Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA659IDBVR Datasheet HTML 1Page - Texas Instruments OPA659IDBVR Datasheet HTML 2Page - Texas Instruments OPA659IDBVR Datasheet HTML 3Page - Texas Instruments OPA659IDBVR Datasheet HTML 4Page - Texas Instruments OPA659IDBVR Datasheet HTML 5Page - Texas Instruments OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
5
4
+V
S
InvertingInput
Output
-VS
NoninvertingInput
1
3
4
8
6
5
NC
Output
NC
NC
2
7
+V
S
Inverting Input
Noninverting Input
-V
S
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
5 Related Operational Amplifier Products
SLEW RATE
VOLTAGE NOISE
DEVICE
VS (V)
BW (MHz)
AMPLIFIER DESCRIPTION
(V/
μs)
(nV/
√Hz)
OPA659
±6
350
2550
8.9
Unity-Gain Stable FET-Input
OPA656
±5
230
290
7
Unity-Gain Stable FET-Input
OPA657
±5
1600
700
4.8
Gain of +7 stable FET Input
LMH6629
5
4000
1600
0.69
Gain of +10 stable Bipolar Input
THS4631
±15
210
1000
7
Unity-Gain Stable FET-Input
Programmable Gain (5 k
Ω / 20 kΩ)
OPA857
5
4750
220
—
Transimpedance Amplifier
6 Pin Configuration and Functions
DRB Package
DRV Package
8-Pin VSON With Exposed Thermal Pad
5-Pin SOT23
Top View
Top View
NC: Not connected.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
SOIC
SOT-23
1
NC
5
—
—
No Connection
8
VIN–
2
4
I
Inverting Input
VIN+
3
3
I
Noninverting Input
VOUT
6
1
O
Output of amplifier
–VS
4
2
POW
Negative Power Supply
+VS
7
5
POW
Positive Power Supply
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Power Supply Voltage VS+ to VS–
±6.5
V
Input Voltage
±VS
V
Input Current
100
mA
Output Current
100
mA
Continuous Power Dissipation
See Thermal Information
Operating Free Air Temperature, TA
–40
85
°C
Maximum Junction Temperature, TJ
150
°C
Maximum Junction Temperature, TJ (continuous operation for long term reliability)
125
°C
Storage Temperature, Tstg
–65
150
°C
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com