Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  OPA659IDBVR Datasheet HTML 1Page - Texas Instruments OPA659IDBVR Datasheet HTML 2Page - Texas Instruments OPA659IDBVR Datasheet HTML 3Page - Texas Instruments OPA659IDBVR Datasheet HTML 4Page - Texas Instruments OPA659IDBVR Datasheet HTML 5Page - Texas Instruments OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
130
120
110
100
90
80
70
60
50
40
100k
1M
10M
100M
Frequency (Hz)
R = 1M , C = Open
F
F
W
R = 1k , C = 4.7pF
F
F
W
R = 10k ,
C = Open
F
F
W
R = 10k , C = 1.5pF
F
F
W
R = 100k , C = Open
F
F
W
R = 100k ,
C = 0.5pF
F
F
W
R = 1k , C = Open
F
F
W
OPA659
+6V
R
OUT
0.1 F
m
10 F
m
0.1 F
m
10 F
m
-6V
50
Load
W
I
D
C
D
C
F
V
OUT
R
F
Photo
Diode
-V
B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA659
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
OPA659 Wideband, Unity-Gain Stable, JFET-Input
Operational Amplifier
1 Features
3 Description
The OPA659 combines a very wideband, unity-gain
1
•
High Bandwidth: 650 MHz (G = 1 V/V)
stable, voltage-feedback operational amplifier with a
•
High Slew Rate: 2550 V/
μs (4-V Step)
JFET-input stage to offer an ultra-high dynamic range
•
Excellent THD: –78 dBc at 10 MHz
amplifier
for
high
impedance
buffering
in
data
acquisition applications such as oscilloscope front-
•
Low Input Voltage Noise: 8.9 nV/
√Hz
end amplifiers and machine vision applications such
•
Fast Overdrive Recovery: 8 ns
as photodiode transimpedance amplifiers used in
•
Fast Settling time (1% 4-V Step): 8 ns
wafer inspection.
•
Low Input Offset Voltage: ±1 mV
The
wide
650-MHz
unity-gain
bandwidth
is
•
Low Input Bias Current: ±10 pA
complemented by a very high 2550-V/
μs slew rate.
•
High Output Current: 70 mA
The high input impedance and low bias current
provided by the JFET input are supported by the low
2 Applications
8.9-nV/
√Hz input voltage noise to achieve a very low
integrated
noise
in
wideband
photodiode
•
High-Impedance Data Acquisition Input Amplifiers
transimpedance applications.
•
High-Impedance Oscilloscope Input Amplifiers
Broad transimpedance bandwidths are possible with
•
Wideband Photodiode Transimpedance Amplifiers
the high 350-MHz gain bandwidth product of this
•
Wafer Scanning Equipment
device.
•
Optical Time-Domain Reflectometry (OTDR)
Where lower speed with lower quiescent current is
•
High-Speed Time-of-Flight (TOF) Sensing
required, consider the OPA656. Where unity-gain
stability is not required, consider the OPA657.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
OPA659
SON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Transimpedance Gain vs Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA659IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA659IDBVR TI-OPA659IDBVR Datasheet
930Kb / 25P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659IDBVR NSC-OPA659IDBVR Datasheet
1Mb / 32P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA659IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com