Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments OPA659IDBVR Datasheet HTML 10Page - Texas Instruments OPA659IDBVR Datasheet HTML 11Page - Texas Instruments OPA659IDBVR Datasheet HTML 12Page - Texas Instruments OPA659IDBVR Datasheet HTML 13Page - Texas Instruments OPA659IDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
80
70
60
50
40
30
20
10
0
100k
1M
10M
100M
Frequency(Hz)
+PSRR
-PSRR
CMRR
100
10
1
10
100
1000
CapacitiveLoad(pF)
3
2
1
0
1
2
3
-
-
-
6
4
2
0
2
4
6
-
-
-
0
20
40
60
80
120
100
Time(ns)
V
IN
LeftScale
V
OUT
RightScale
V = 6.0V
R =100
Gain= 2V/V
S
L
W
-
±
1000
100
10
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
6
Input-Referred
VoltageNoise
Input-Referred
CurrentNoise
-40
50
60
70
80
90
100
-
-
-
-
-
-
0
50
100
150
Frequency(MHz)
Second-Order
Third-Order
V = 6.0V
R =100
Gain=+2V/V
Two-Tone,1MHzSpacing
1V
EachTone
S
L
W
±
PP
3
2
1
0
1
2
3
-
-
-
6
4
2
0
2
4
6
-
-
-
0
20
40
60
80
120
100
Time(ns)
V
IN
LeftScale
V
OUT
RightScale
V = 6.0V
R =100
Gain=+2V/V
S
L
W
±
OPA659
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
www.ti.com
At VS = ±6 V, RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, unless otherwise noted.
Figure 20. Overdrive Recovery (Gain = 2 V/V)
Figure 19. Two-Tone, Second- and Third-Order IMD vs
Frequency
Figure 21. Overdrive Recovery (Gain = –2 V/V)
Figure 22. Input-Referred Voltage and Current Noise Density
Figure 23. Common-Mode Rejection Ratio and Power-
Figure 24. Recommended RISOvs Capacitive Load
Supply Rejection Ratio vs Frequency
(RLOAD = 1 kΩ)
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com