Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA659IDBVR Datasheet HTML 1Page - Texas Instruments OPA659IDBVR Datasheet HTML 2Page - Texas Instruments OPA659IDBVR Datasheet HTML 3Page - Texas Instruments OPA659IDBVR Datasheet HTML 4Page - Texas Instruments OPA659IDBVR Datasheet HTML 5Page - Texas Instruments OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
OPA659
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
www.ti.com
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
Charged-device model (CDM), per JEDEC specification JESD22-
V(ESD)
Electrostatic discharge
±1000
V
C101(2)
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Total supply voltage
7
12
13
V
TA
Ambient temperature
–40
25
85
°C
7.4 Thermal Information
OPA659
THERMAL METRIC(1)
DRB (VSON)
DRV (SOT23)
UNIT
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
56.3
209
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
63.7
124
°C/W
RθJB
Junction-to-board thermal resistance
31.9
38.1
°C/W
ψJT
Junction-to-top characterization parameter
3.2
15
°C/W
ψJB
Junction-to-board characterization parameter
32.1
37.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
15.3
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
At RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, TA = 25°C, VS = ±6 V unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
LEVEL(1
MIN
TYP
MAX
UNIT
)
AC PERFORMANCE
VO = 200 mVPP, G = 1 V/V
C
650
MHz
VO = 200 mVPP, G = 2 V/V
C
335
MHz
Small-Signal Bandwidth
VO = 200 mVPP, G = 5 V/V
C
75
MHz
VO = 200 mVPP, G = 10 V/V
C
35
MHz
Gain Bandwidth Product
G > 10 V/V
C
350
MHz
Bandwidth for 0.1dB Flatness
G = 2 V/V, VO = 2VPP
C
55
MHz
Large-Signal Bandwidth
VO = 2 VPP, G = 1 V/V
B
575
MHz
Slew Rate
VO = 4-V Step, G = 1 V/V
B
2550
V/
μs
Rise and Fall Time
VO = 4-V Step, G = 1 V/V
C
1.3
ns
Settling Time to 1%
VO = 4-V Step, G = 1 V/V
C
8
ns
Pulse Response Overshoot
VO = 4-V Step, G = 1 V/V
C
12%
Harmonic Distortion, 2nd harmonic
VO = 2 VPP, G = 1 V/V, f = 10 MHz
C
–79
dBc
Harmonic Distortion, 3rd harmonic
VO = 2 VPP, G = 1 V/V, f = 10 MHz
C
–100
dBc
Intermodulation Distortion, 2nd
VO= 2 VPP Envelope (each tone 1 VPP),
C
–72
dBc
intermodulation
G = 2 V/V, f1 = 10 MHz, f2 = 11 MHz
Intermodulation Distortion, 3rd
VO= 2 VPP Envelope (each tone 1 VPP),
C
–96
dBc
intermodulation
G = 2 V/V, f1 = 10 MHz, f2 = 11 MHz
(1)
Test levels: (A) 100% tested at 25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com