Electronic Components Datasheet Search
  English  ▼

X  

OPA659IDBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVR
Description  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDBVR Datasheet(HTML) 5 Page - Texas Instruments

  OPA659IDBVR Datasheet HTML 1Page - Texas Instruments OPA659IDBVR Datasheet HTML 2Page - Texas Instruments OPA659IDBVR Datasheet HTML 3Page - Texas Instruments OPA659IDBVR Datasheet HTML 4Page - Texas Instruments OPA659IDBVR Datasheet HTML 5Page - Texas Instruments OPA659IDBVR Datasheet HTML 6Page - Texas Instruments OPA659IDBVR Datasheet HTML 7Page - Texas Instruments OPA659IDBVR Datasheet HTML 8Page - Texas Instruments OPA659IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
At RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, TA = 25°C, VS = ±6 V unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
LEVEL(1
MIN
TYP
MAX
UNIT
)
Input Voltage Noise
f > 100 kHz
C
8.9
nV/
√Hz
Input Current Noise
f < 10 MHz
C
1.8
fA/
√Hz
DC PERFORMANCE
TA = 25°C, VCM = 0 V, RL = 100 Ω
A
52
58
dB
Open-Loop Voltage Gain (AOL)
TA = –40°C to 85°C, VCM = 0 V, RL = 100 Ω
B
49
55
dB
TA = 25°C, VCM = 0 V
A
±1
±5
mV
Input Offset Voltage
DRB package
B
±1.5
±7.6
mV
TA = –40°C to 85°C, VCM = 0 V DRB
package
DBV package
B
±1.5
±8.9
mV
DRB package
B
±10
±40
μV/°C
Average input-offset voltage drift(2)
TA = –40°C to 85°C, VCM = 0 V
DBV package
B
±10
±60
μV/°C
TA = 25°C, VCM = 0 V
A
±10
±50
pA
Input Bias Current
TA = 0°C to 70°C, VCM = 0 V
B
±240
±1200
pA
TA = –40°C to 85°C, VCM = 0 V
B
±640
±3200
pA
TA = 0°C to 70°C, VCM = 0 V
B
±5
±26
pA/°C
Average input bias current drift
TA = –40°C to 85°C, VCM = 0 V
B
±7
±34
pA/°C
TA = 25°C, VCM = 0 V
A
±5
±25
pA
Input Offset Current
TA = 0°C to 70°C, VCM = 0 V
B
±120
±600
pA
TA = –40°C to 85°C, VCM = 0 V
B
±320
±1600
pA
INPUT
TA = 25°C
A
±3
±3.5
V
Common-Mode Input Range(3)
TA = –40°C to 85°C
B
±2.87
±3.37
V
TA = 25°C, VCM = ±0.5 V
A
68
70
dB
Common-Mode Rejection Ratio
TA = –40°C to 85°C, VCM = ±0.5 V
B
64
66
dB
Input Impedance
Input impedance, differential
C
Ω ∥ pF
1012
∥ 1
1012
∥
Input impedance, common-mode
C
Ω ∥ pF
2.5
OUTPUT
No Load
A
±4.6
±4.8
V
TA = 25°C,
RL = 100 Ω
A
±3.8
±4
V
Output Voltage Swing
No Load
B
±4.45
±4.65
V
TA = –40°C to 85°C
RL = 100 Ω
B
±3.65
±3.85
V
TA = 25°C
A
±60
±70
mA
Output Current, Sourcing, Sinking
TA = –40°C to 85°C
B
±56
±65
mA
Closed-Loop Output Impedance
G = 1 V/V, f = 100 kHz
C
0.04
Ω
POWER SUPPLY
Operating Voltage
B
±3.5
±6
±6.5
V
TA = 25°C
A
30.5
32
33.5
mA
Quiescent Current
TA = –40°C to 85°C
B
28.3
35.7
mA
TA = 25°C, VS = ±5.5 V to ±6.5 V
A
58
62
dB
Power-Supply Rejection Ratio (PSRR)
TA = –40°C to 85°C, VS = ±5.5 V to ±6.5 V
A
56
60
dB
(2)
DRB package only.
(3)
Tested <6dB below minimum specified CMRR at ±CMIR limits.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com