Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 14Page - Texas Instruments THS4281DBVT Datasheet HTML 15Page - Texas Instruments THS4281DBVT Datasheet HTML 16Page - Texas Instruments THS4281DBVT Datasheet HTML 17Page - Texas Instruments THS4281DBVT Datasheet HTML 18Page - Texas Instruments THS4281DBVT Datasheet HTML 19Page - Texas Instruments THS4281DBVT Datasheet HTML 20Page - Texas Instruments THS4281DBVT Datasheet HTML 21Page - Texas Instruments THS4281DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
VS = ±5 V
VS = ±5 V
Figure 38. Settling Time
Figure 37. Settling Time
Gain = +1
Gain = +1
Figure 40. Harmonic Distortion vs Frequency
Figure 39. Harmonic Distortion vs Frequency
Gain = +2
VS = 3 V, 3.3 V
Figure 42. Harmonic Distortion vs Frequency
Figure 41. Harmonic Distortion vs Frequency
18
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com