Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 23Page - Texas Instruments THS4281DBVT Datasheet HTML 24Page - Texas Instruments THS4281DBVT Datasheet HTML 25Page - Texas Instruments THS4281DBVT Datasheet HTML 26Page - Texas Instruments THS4281DBVT Datasheet HTML 27Page - Texas Instruments THS4281DBVT Datasheet HTML 28Page - Texas Instruments THS4281DBVT Datasheet HTML 29Page - Texas Instruments THS4281DBVT Datasheet HTML 30Page - Texas Instruments THS4281DBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
_
+
5 V
− 5 V
2.1 kW
2.05 kW
2.2 nF
VO
RL
1 kW
VI
270 pF
1.02 kW
_
+
5 V
− 5 V
2 kW
2 kW
1 nF
2.61 kW
1.5 nF
649
VO
RL
1 kW
VI
THS4281
www.ti.com
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
8.2 Typical Application
Figure 71. Second-Order Sallen-Key 100-kHz Butterworth
Figure 72. Second-Order MFB 100-kHz Butterworth Filter,
Filter, Gain = 2 V/V
Gain = 2 V/V
8.2.1 Design Requirements
Table 1 shows example design parameters and values for the typical application design example in Figure 71.
Table 1. Design Parameters
DESIGN PARAMETERS
VALUE
Supply voltage
±5 V
Amplifier topology
Voltage feedback
Gain
2 V/V
Second Order 100 KHz Sallen- Key
Filter requirement
Butterworth Filter
Input/Output Requirements
Rail to Rail
8.2.2 Detailed Design Procedure
8.2.2.1 Active Filtering With the THS4281
High-performance active filtering with the THS4281 is achievable due to the amplifier's good slew rate, wide
bandwidth, and voltage-feedback architecture. Several options are available for high-pass, low-pass, bandpass,
and bandstop filters of varying orders. Filters can be quite complex and time consuming to design. Several books
and application reports are available to help design active filters. But, to help simplify the process and minimize
the chance of miscalculations, Texas Instruments has developed a filter design program called FilterPro™.
FilterPro is available for download at no cost from TI's web site (www.ti.com).
The two most common low-pass filter circuits used are the Sallen-Key filter and the Multiple Feedback (MFB) –
aka Rauch filter. FilterPro was used to determine a 2-pole Butterworth response filter with a corner (–3-dB)
frequency of 100 kHz, which is shown in Figure 71 and Figure 72. One of the advantages of the MFB filter, a
much better high-frequency rejection, is clearly shown in the response shown in Figure 75. This is due to the
inherent R-C filter to ground being the first elements in the design of the MFB filter. The Sallen-Key design also
has an R-C filter, but the capacitor connects directly to the output. At very high frequencies, where the amplifier's
access loop gain is decreasing, the ability of the amplifier to reject high frequencies is severely reduced and
allows the high-frequency signals to pass through the system. One other advantage of the MFB filter is the
reduced sensitivity in component variation. This is important when using real-world components where capacitors
can easily have ±10% variations.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com