Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 2 Page - Texas Instruments

  THS4281DBVT Datasheet HTML 1Page - Texas Instruments THS4281DBVT Datasheet HTML 2Page - Texas Instruments THS4281DBVT Datasheet HTML 3Page - Texas Instruments THS4281DBVT Datasheet HTML 4Page - Texas Instruments THS4281DBVT Datasheet HTML 5Page - Texas Instruments THS4281DBVT Datasheet HTML 6Page - Texas Instruments THS4281DBVT Datasheet HTML 7Page - Texas Instruments THS4281DBVT Datasheet HTML 8Page - Texas Instruments THS4281DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
7.3
Device Functional Modes........................................ 25
1
Features .................................................................. 1
8
Application and Implementation ........................ 26
2
Applications ........................................................... 1
8.1
Application Information............................................ 26
3
Description ............................................................. 1
8.2
Typical Application ................................................. 27
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 29
5
Pin Configuration and Functions ......................... 3
9.1
Power-Supply Decoupling Techniques and
6
Specifications......................................................... 4
Recommendations ................................................... 29
6.1
Absolute Maximum Ratings ..................................... 4
10
Layout................................................................... 29
6.2
ESD Ratings ............................................................ 4
10.1
Layout Guidelines ................................................. 29
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Examples................................................... 30
6.4
Thermal Information .................................................. 4
10.3
Thermal Considerations ........................................ 31
6.5
Electrical Characteristics, VS = 3 V (VS+ = 3 V, VS– =
11
Device and Documentation Support ................. 33
GND) .......................................................................... 5
11.1
Documentation Support ........................................ 33
6.6
Electrical Characteristics, VS = 5 V (VS+ = 5 V, VS– =
GND) .......................................................................... 7
11.2
Community Resources.......................................... 33
6.7
Electrical Characteristics, VS = ±5 V......................... 9
11.3
Trademarks ........................................................... 33
6.8
Dissipation Ratings ................................................. 11
11.4
Electrostatic Discharge Caution ............................ 33
6.9
Typical Characteristics ............................................ 12
11.5
Glossary ................................................................ 33
7
Detailed Description ............................................ 24
12
Mechanical, Packaging, and Orderable
Information ........................................................... 33
7.1
Overview ................................................................. 24
7.2
Feature Description................................................. 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2009) to Revision B
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Removed the Packaging/Ordering Information table ............................................................................................................ 1
•
Removed Design Tools section ............................................................................................................................................. 1
•
Updated Thermal Values ....................................................................................................................................................... 1
•
Removed the Applications Section Contents section .......................................................................................................... 24
•
Removed the Bill of Materials section ................................................................................................................................. 24
Changes from Original (April 2004) to Revision A
Page
•
Updated document format to current standards..................................................................................................................... 1
•
Deleted Lead temperature specification from Absolute Maximum Ratings table................................................................... 4
•
Revised Driving Capacitive Loads section ........................................................................................................................... 26
•
Changed Board Layout section; revised statements in fourth recommendation about how to make connections to
other wideband devices on the board .................................................................................................................................. 29
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com