Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 6Page - Texas Instruments THS4281DBVT Datasheet HTML 7Page - Texas Instruments THS4281DBVT Datasheet HTML 8Page - Texas Instruments THS4281DBVT Datasheet HTML 9Page - Texas Instruments THS4281DBVT Datasheet HTML 10Page - Texas Instruments THS4281DBVT Datasheet HTML 11Page - Texas Instruments THS4281DBVT Datasheet HTML 12Page - Texas Instruments THS4281DBVT Datasheet HTML 13Page - Texas Instruments THS4281DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics, VS = ±5 V (continued)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
Common-Mode Input Range
25°C
±5.3
±5.4
0°C to 70°C
±5.1
V
–40°C to +85°C
±5.1
Common-Mode Rejection Ratio
VCM = –5 V to +5 V
25°C
90
107
0°C to 70°C
85
dB
–40°C to +85°C
85
Input Resistance
Common-mode
100
M
Ω
Input Capacitance
Common-mode/Differential
0.8/1.2
pF
OUTPUT CHARACTERISTICS
RL = 10 kΩ
±4.93
V
RL = 1 kΩ
25°C
±4.6
±4.8
Output Voltage Swing
0°C to 70°C
±4.5
V
–40°C to +85°C
±4.5
Output Current (Sourcing)
RL = 10 Ω
25°C
35
48
0°C to 70°C
30
mA
–40°C to +85°C
30
Output Current (Sinking)
RL = 10 Ω
25°C
45
60
0°C to 70°C
40
mA
–40°C to +85°C
40
Output Impedance
f = 1 MHz
1
Ω
POWER SUPPLY
Maximum Operating Voltage
±5
±8.2
25°C
5
±8.2
0°C to 70°C
V
5
±8.2
–40°C to +85°C
5
Minimum Operating Voltage
25°C
±1.35
±5
0°C to 70°C
±1.35
V
–40°C to +85°C
±1.35
Maximum Quiescent Current
25°C
0.8
0.93
0°C to 70°C
1.0
mA
–40°C to +85°C
1.05
Minimum Quiescent Current
25°C
0.67
0.8
0°C to 70°C
0.62
mA
–40°C to +85°C
0.6
Power-Supply Rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS– = 5.0 V 25°C
80
100
0°C to 70°C
75
dB
–40°C to +85°C
75
Power-Supply Rejection (–PSRR)
VS+ = 5 V, VS– = –5.5 V to –4.5
25°C
80
100
V
0°C to 70°C
75
dB
–40°C to +85°C
75
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com