Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 26Page - Texas Instruments THS4281DBVT Datasheet HTML 27Page - Texas Instruments THS4281DBVT Datasheet HTML 28Page - Texas Instruments THS4281DBVT Datasheet HTML 29Page - Texas Instruments THS4281DBVT Datasheet HTML 30Page - Texas Instruments THS4281DBVT Datasheet HTML 31Page - Texas Instruments THS4281DBVT Datasheet HTML 32Page - Texas Instruments THS4281DBVT Datasheet HTML 33Page - Texas Instruments THS4281DBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Layer 2 − GND
TOP
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Layout Guidelines (continued)
device. Remember also that the terminating impedance is the parallel combination of the shunt resistor and
the input impedance of the destination device: this total effective impedance should be set to match the trace
impedance. If the 6-dB attenuation of a doubly-terminated transmission line is unacceptable, a long trace can
be series-terminated at the source end only. Treat the trace as a capacitive load in this case, and use a
series resistor (R(ISO) = 10 Ω to 100 Ω, as noted Driving Capacitive Loads) to isolate the capacitive load. If
the input impedance of the destination device is low, there is signal attenuation due to the voltage divider
formed by R(ISO) into the terminating impedance. A 50-Ω environment is normally not necessary onboard,
and in fact a higher impedance environment improves distortion as shown in the distortion versus load plots.
5. Socketing a high-speed part like the THS4281 is not recommended. The additional lead length and pin-
to-pin capacitance introduced by the socket can create a troublesome parasitic network which can make it
almost impossible to achieve a smooth, stable frequency response. Best results are obtained by soldering
the THS4281 onto the board.
10.2 Layout Examples
Figure 76. THS4281EVM Layout (Top Layer and Silkscreen
Figure 77. THS4281EVM Board Layout
Layer)
30
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com