Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 27Page - Texas Instruments THS4281DBVT Datasheet HTML 28Page - Texas Instruments THS4281DBVT Datasheet HTML 29Page - Texas Instruments THS4281DBVT Datasheet HTML 30Page - Texas Instruments THS4281DBVT Datasheet HTML 31Page - Texas Instruments THS4281DBVT Datasheet HTML 32Page - Texas Instruments THS4281DBVT Datasheet HTML 33Page - Texas Instruments THS4281DBVT Datasheet HTML 34Page - Texas Instruments THS4281DBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Layer 3 − GND
BOTTOM
THS4281
www.ti.com
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
Layout Examples (continued)
Figure 79. THS4281EVM Board Layout
Figure 78. THS4281EVM Board Layout
10.3 Thermal Considerations
The THS4281 does not incorporate automatic thermal shutoff protection, so the designer must take care to
ensure that the design does not violate the absolute maximum junction temperature of the device. Failure may
result if the absolute maximum junction temperature of +150°C is exceeded. For long-term dependability, the
junction temperature should not exceed +125°C.
The thermal characteristics of the device are dictated by the package and the PCB. Maximum power dissipation
for a given package can be calculated using the following formula.
PDmax = (Tmax - TA) / θJA
where
•
PDmax is the maximum power dissipation in the amplifier (W).
•
Tmax is the absolute maximum junciton temperature (ºC).
•
TA is the ambient temperature (ºC).
•
θJA = θJC + θCA
•
θ
JC is the thermal coefficient from the silicon junctions to the case (ºC/W).
•
θ
JA is the thermal coefficient from the case to ambient air (ºC/W).
(1)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com