Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 28Page - Texas Instruments THS4281DBVT Datasheet HTML 29Page - Texas Instruments THS4281DBVT Datasheet HTML 30Page - Texas Instruments THS4281DBVT Datasheet HTML 31Page - Texas Instruments THS4281DBVT Datasheet HTML 32Page - Texas Instruments THS4281DBVT Datasheet HTML 33Page - Texas Instruments THS4281DBVT Datasheet HTML 34Page - Texas Instruments THS4281DBVT Datasheet HTML 35Page - Texas Instruments THS4281DBVT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−40
−20
0
20
40
60
80
100
8-pin SOIC (D) Package
8-pin MSOP
(DGK) Package
5-pin SOT23
(DBV) Package
TA − Free-Air Temperature − °C
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Thermal Considerations (continued)
ΘJA = 97.5°C/W for 8-Pin SOIC (D)
ΘJA = 180.8°C/W for 8-Pin MSOP (DGK)
ΘJA = 255.4°C/W for 5-Pin SOT−23 (DBV)
TJ = 125°C, No Airflow
Figure 80. Maximum Power Dissipation vs Ambient Temperature
When determining whether or not the device satisfies the maximum power dissipation requirement, it is important
to consider not only quiescent power dissipation, but also dynamic power dissipation. Often maximum power
dissipation is difficult to quantify because the signal pattern is inconsistent, but an estimate of the RMS value can
provide a reasonable analysis.
32
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com