Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 5 Page - Texas Instruments

  THS4281DBVT Datasheet HTML 1Page - Texas Instruments THS4281DBVT Datasheet HTML 2Page - Texas Instruments THS4281DBVT Datasheet HTML 3Page - Texas Instruments THS4281DBVT Datasheet HTML 4Page - Texas Instruments THS4281DBVT Datasheet HTML 5Page - Texas Instruments THS4281DBVT Datasheet HTML 6Page - Texas Instruments THS4281DBVT Datasheet HTML 7Page - Texas Instruments THS4281DBVT Datasheet HTML 8Page - Texas Instruments THS4281DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
THS4281
www.ti.com
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
6.5 Electrical Characteristics, VS = 3 V (VS+ = 3 V, VS– = GND)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ to 1.5 V, TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
G = +1, VO = 100 mVPP, RF = 34 Ω
83
MHz
G = +2, VO = 100 mVPP, RF = 1.65 kΩ
40
MHz
Small-Signal Bandwidth
G = +5, VO = 100 mVPP, RF = 1.65 kΩ
8
MHz
G = +10, VO = 100 mVPP, RF = 1.65 kΩ
3.8
MHz
0.1-dB Flat Bandwidth
G = +2, VO = 100 mVPP, RF = 1.65 kΩ
20
MHz
Full-Power Bandwidth
G = +2, VO = 2 VPP
8
MHz
G = +1, VO = 2-V Step
26
V/
μs
Slew Rate
G = –1, VO = 2-V Step
27
V/
μs
Settling time to 0.1%
G = –1, VO = 1-V Step
80
ns
Settling time to 0.01%
G = –1, VO = 1-V Step
155
ns
Rise/Fall Times
G = +1, VO = 2-V Step
55
ns
AC PERFORMANCE— HARMONIC DISTORTION
G = +2, VO = 2 VPP, f = 1 MHz, RL = 1 kΩ
–52
Second Harmonic Distortion
dBc
G = +2, VO = 2 VPP, f = 100 kHz, RL = 1 kΩ
–52
G = +2, VO = 2 VPP, f = 1 MHz, RL = 1 kΩ
–69
Third Harmonic Distortion
dBc
G = +2, VO = 2 VPP, f = 100 kHz, RL = 1 kΩ
–71
G = +2, VO = 2 VPP, VO = 1 VPP, f = 10 kHz
0.003%
THD + N
G = +2, VO = 2 VPP, VO = 2 VPP, f = 10 kHz
0.03%
0.05/0.08
Differential Gain (NTSC/PAL)
G = +2, RL = 150 Ω
%
Differential Phase (NTSC/PAL)
G = +2, RL = 150 Ω
0.25/0.35
º
Input Voltage Noise
f = 100 kHz
12.5
nA/
√Hz
Input Current Noise
f = 100 kHz
1.5
pA/
√Hz
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
95
dB
25°C
0.5
2.5
Input Offset Voltage
VCM = 1.5 V
0°C to 70°C
3.5
mV
–40°C to +85°C
3.5
0°C to 70°C
±7
Average Offset Voltage Drift
VCM = 1.5 V
µV/°C
–40°C to +85°C
±7
25°C
0.5
0.8
Input Bias Current
VCM = 1.5 V
0°C to 70°C
1
µA
–40°C to +85°C
1
0°C to 70°C
±2
Average Bias Current Drift
VCM = 1.5 V
nA/°C
–40°C to +85°C
±2
25°C
0.1
0.4
Input Offset Current
VCM = 1.5 V
0°C to 70°C
0.5
μA
–40°C to +85°C
0.5
0°C to 70°C
±2
Average Offset Current Drift
VCM = 1.5 V
nA/°C
–40°C to +85°C
±2
INPUT CHARACTERISTICS
25°C
–0.3/3.3
–0.4/3.4
Common-Mode Input Range
0°C to 70°C
–0.1/3.1
V
–40°C to +85°C
–0.1/3.1
25°C
75
92
Common-Mode Rejection Ratio
VCM = 0 V to 3 V
0°C to 70°C
70
dB
–40°C to +85°C
70
Input Resistance
Common-mode
100
M
Ω
Input Capacitance
Common-mode/Differential
0.8/1.2
pF
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com