Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 3 Page - Texas Instruments

  INA300 Datasheet HTML 1Page - Texas Instruments INA300 Datasheet HTML 2Page - Texas Instruments INA300 Datasheet HTML 3Page - Texas Instruments INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
13
16
15
14
10
12
11
9
4
1
2
3
7
5
6
8
IN-
IN-
IN-
SH-
VIN-
GND
REF
GND
IN+
IN+
IN+
SH+
VIN+
GND
VS
OUT
INA250A1, INA250A2, INA250A3, INA250A4
www.ti.com
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
6, 8, 11
Analog
Ground
IN–
1, 2, 3
Analog input
Connect to load
IN+
14, 15, 16
Analog input
Connect to supply
OUT
9
Analog output Output voltage
REF
7
Analog input
Reference voltage, 0 V to VS (up to 18 V)
Kelvin connection to internal shunt. Connect to VIN– if no filtering is needed.
SH–
4
Analog output
See Figure 33 for filter recommendations.
Kelvin connection to internal shunt. Connect to VIN+ if no filtering is needed.
SH+
13
Analog output
See Figure 33 for filter recommendations.
VIN–
5
Analog input
Voltage input from load side of shunt resistor.
VIN+
12
Analog input
Voltage input from supply side of shunt resistor.
VS
10
Analog
Device power supply, 2.7 V to 36 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com