Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 5 Page - Texas Instruments

  INA300 Datasheet HTML 1Page - Texas Instruments INA300 Datasheet HTML 2Page - Texas Instruments INA300 Datasheet HTML 3Page - Texas Instruments INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
INA250A1, INA250A2, INA250A3, INA250A4
www.ti.com
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
At TA = 25°C, VS = 5 V, VIN+ = 12 V, VREF = 2.5 V, ISENSE = IN+ = 0 A, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
–0.1
36
V
INA250A1, VIN+ = 0 V to 36 V,
94
102
TA = –40°C to 125°C
INA250A2, VIN+ = 0 V to 36 V,
97
110
TA = –40°C to 125°C
CMR
Common-mode rejection
dB
INA250A3, VIN+ = 0 V to 36 V,
106
114
TA = –40°C to 125°C
INA250A4, VIN+ = 0 V to 36 V,
108
118
TA = –40°C to 125°C
INA250A1, ISENSE = 0 A
±15
±100
INA250A2, ISENSE = 0 A
±12.5
±50
IOS
Offset current, RTI(1)
mA
INA250A3, ISENSE = 0 A
±5
±30
INA250A4, ISENSE = 0 A
±5
±20
dIOS/dT
RTI versus temperature
TA = –40°C to 125°C
25
250
μA/°C
PSR
VS = 2.7 V to 36 V, TA = –40°C to 125°C
±0.03
±1
mA/V
IB
Input bias current
IB+, IB-, ISENSE = 0 A
±28
±35
μA
VREF
Reference input range(2)
0
(VS) up to 18
V
SHUNT RESISTOR(3)
Equivalent resistance when used with
1.998
2
2.002
Shunt resistance
onboard amplifier
RSHUNT
m
Ω
(SH+ to SH–)
Used as stand-alone resistor(4)
1.9
2
2.1
Package resistance
IN+ to IN–
4.5
m
Ω
TA = –40°C to 125°C
15
Resistor temperature
TA = –40°C to 0°C
50
ppm/°C
coefficient
TA = 0°C to 125°C
10
Maximum continuous
ISENSE
TA = –40°C to 85°C
±15
A
current(5)
Shunt short time overload
ISENSE = 30 A for 5 seconds
±0.05%
Shunt thermal shock
–65°C to 150°C, 500 cycles
±0.1%
Shunt resistance to solder
260°C solder, 10 s
±0.1%
heat
Shunt high temperature
1000 hours, TA = 150°C
±0.15%
exposure
Shunt cold temperature
24 hours, TA = –65°C
±0.025%
storage
(1)
RTI = referred-to-input.
(2)
The supply voltage range maximum is 36 V, but the reference voltage cannot be higher than 18 V.
(3)
See the Integrated Shunt Resistor section for additional information regarding the integrated current-sensing resistor.
(4)
The internal shunt resistor is intended to be used with the internal amplifier and is not intended to be used as a stand-alone resistor. See
the Integrated Shunt Resistor section for more information.
(5)
See Figure 30 and the Layout section for additional information on the current derating and layout recommendations to improve the
current handling capability of the device at higher temperatures.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com