Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 1 Page - Texas Instruments

  INA300 Datasheet HTML 1Page - Texas Instruments INA300 Datasheet HTML 2Page - Texas Instruments INA300 Datasheet HTML 3Page - Texas Instruments INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Microcontroller
ADC
ADC
SH+
VIN+
VIN
SH
REF
OUT
IN+
IN
Power Rail
(0 V to 36 V)
VS
0.1 PF
Device Supply
(2.7 V to 36 V)
CBYPASS
GND
Load
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
INA250A1, INA250A2, INA250A3, INA250A4
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
INA250 36-V, Low- or High-Side, Bidirectional, Zero-Drift
Current-Shunt Monitor with Precision Integrated Shunt Resistor
1 Features
3 Description
The INA250 is a voltage-output, current-sensing
1
•
Precision Integrated Shunt Resistor:
amplifier family that integrates an internal shunt
–
Shunt Resistor: 2 m
Ω
resistor
to
enable
high-accuracy
current
–
Shunt Resistor Tolerance: 0.1% (Max)
measurements at common-mode voltages that can
vary from 0 V to 36 V, independent of the supply
–
15 A Continuous from –40°C to 85°C
voltage. The device is a bidirectional, low- or high-
–
0°C to 125°C Temperature Coefficient:
side current-shunt monitor that allows an external
10 ppm/°C
reference to be used to measure current flowing in
•
High Accuracy:
both directions through the internal current-sensing
resistor sensor. The integration of the precision
–
Gain Error (Shunt and Amplifier): 0.3% (Max)
current-sensing
resistor
provides
calibration
–
Offset Current: 50 mA (Max, INA250A2)
equivalent
measurement
accuracy
with
ultra-low
•
Four Available Gains:
temperature
drift
performance
and
ensures
an
optimized Kelvin layout for the sensing resistor is
–
INA250A1: 200 mV/A
always obtained.
–
INA250A2: 500 mV/A
The INA250 family is available in four output voltage
–
INA250A3: 800 mV/A
scales: 200 mV/A, 500 mV/A, 800 mV/A, and 2 V/A.
–
INA250A4: 2 V/A
This
device
is
fully
tested
and
specified
for
•
Wide Common-Mode Range: –0.1 V to 36 V
continuous currents up to 10 amps at the maximum
temperature of 125°C. The INA250 operates from a
•
Specified Operating Temperature: –40°C to 125°C
single 2.7-V to 36-V supply and draws a maximum of
300 µA of supply current. All INA250 gain versions
2 Applications
are
specified
over
the
extended
operating
•
Test Equipment
temperature
range
(–40°C
to
125°C),
and
are
available in a TSSOP-16 package.
•
Power Supplies
•
Servers
Device Information(1)
•
Telecom Equipment
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Automotive
INA250A1
•
Solar Inverters
INA250A2
TSSOP (16)
5.00 mm × 4.40 mm
•
Power Management
INA250A3
INA250A4
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA300 TI1-INA300 Datasheet
1Mb / 41P
Overcurrent-Protection, Current-Sense Comparator
INA300 TI2-INA300 Datasheet
2Mb / 42P
INA300 Overcurrent-Protection, Current-Sense Comparator
REVISED JUNE 2021
INA300-Q1 TI-INA300-Q1 Datasheet
146Kb / 5P
INA300-Q1 Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA300-Q1 TI1-INA300-Q1 Datasheet
162Kb / 5P
Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA300-Q1 TI2-INA300-Q1 Datasheet
2Mb / 42P
INA300 Overcurrent-Protection, Current-Sense Comparator
REVISED JUNE 2021
More results

Similar Description - INA300

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
Texas Instruments
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 33P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA260 TI1-INA260 Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com