Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA300 Datasheet HTML 10Page - Texas Instruments INA300 Datasheet HTML 11Page - Texas Instruments INA300 Datasheet HTML 12Page - Texas Instruments INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
1.99
1.995
2
2.005
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C030
INA250A1, INA250A2, INA250A3, INA250A4
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
7.3.3 Temperature Stability
System calibration is common for many industrial applications to eliminate initial component and system-level
errors that can be present. A system-level calibration can reduce the initial accuracy requirement for many of the
individual components because the errors associated with these components are effectively eliminated through
the calibration procedure. Performing this calibration can enable precision measurements at the temperature in
which the system is calibrated, but as the system temperature changes as a result of external ambient changes
or due to self heating, measurement errors are reintroduced. Without accurate temperature compensation used
in addition to the initial adjustment, the calibration procedure is not effective in accounting for these temperature-
induced changes. One of the primary benefits of the very low temperature coefficient of the INA250 (including
both the integrated current-sensing resistor and current-sensing amplifier) is ensuring that the device
measurement remains highly accurate, even when the temperature changes throughout the specified
temperature range of the device.
For the integrated current-sensing resistor, the drift performance is shown in Figure 32. Although several
temperature ranges are specified in the Electrical Characteristics table, applications operating in ranges other
than those described can use Figure 32 to determine how much variance in the shunt resistor value can be
expected. As with any resistive element, the tolerance of the component varies when exposed to different
temperature conditions. For the current-sensing resistor integrated in the INA250, the resistor does vary slightly
more when operated in temperatures ranging from –40°C to 0°C than when operated from 0°C to 125°C.
However, even in the –40°C to 0°C temperature range, the drift is still quite low at 25 ppm/°C.
Figure 32. Sensing Resistor vs Temperature
An additional aspect to consider is that when current flows through the current-sensing resistor, power is
dissipated across this component. This dissipated power results in an increase in the internal temperature of the
package, including the integrated sensing resistor. This resistor self-heating effect results in an increase of the
resistor temperature helping to move the component out of the colder, wider drift temperature region.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com