Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments INA300 Datasheet HTML 19Page - Texas Instruments INA300 Datasheet HTML 20Page - Texas Instruments INA300 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
CBYPASS
0.1 µF
Shutdown
Control
Supply
Voltage
Load
Supply
-
+
IN-
IN+
GND
REF
VS
OUT
1,000
R +
S
1,000
12,500
(11
R ) +
·
S
12,500
20,000
(17
R ) + 20,000
·
S
50,000
(41
R ) + 50,000
·
S
INA250A1, INA250A2, INA250A3, INA250A4
www.ti.com
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
Device Functional Modes (continued)
Table 1. Input Resistance
DEVICE
GAIN
RINT
INA250A1
200 mV/A
50 k
Ω
INA250A2
500 mV/A
20 k
Ω
INA250A3
800 mV/A
12.5 k
Ω
INA250A4
2 V/A
5 k
Ω
Table 2. Device Gain Error Factor
DEVICE
SIMPLIFIED GAIN ERROR FACTOR
INA250A1
INA250A2
INA250A3
INA250A4
For example, using an INA250A2 and the corresponding gain error equation from Table 2, a series resistance of
10
Ω results in a gain error factor of 0.991. The corresponding gain error is then calculated using Equation 3,
resulting in a gain error of approximately 0.84% because of the external 10-
Ω series resistors.
7.4.3 Shutting Down the Device
Although the device does not have a shutdown pin, the low power consumption allows for the device to be
powered from the output of a logic gate or transistor switch that can turn on and turn off the voltage connected to
the device power-supply pin. However, in current-shunt monitoring applications, there is also a concern for how
much current is drained from the shunt circuit in shutdown conditions. Evaluating this current drain involves
considering the device simplified schematic in shutdown mode, as shown in Figure 35.
Figure 35. Shutting Down the Device
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com