Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA300 Datasheet HTML 9Page - Texas Instruments INA300 Datasheet HTML 10Page - Texas Instruments INA300 Datasheet HTML 11Page - Texas Instruments INA300 Datasheet HTML 12Page - Texas Instruments INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments INA300 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
0
20
40
60
80
100
0.1
1
10
100
Time (s)
C027
5
7.5
10
12.5
15
17.5
20
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C026
INA250A1, INA250A2, INA250A3, INA250A4
www.ti.com
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
Feature Description (continued)
The INA250 has approximately 4.5 m
Ω of package resistance. 2 mΩ of this total package resistance is a
precisely-controlled resistance from the Kelvin-connected current-sensing resistor used by the amplifier. The
power dissipation requirements of the system and package are based on the total 4.5-m
Ω package resistance
between the IN+ and IN– pins. The heat dissipated across the package when current flows through the device
ultimately determines the maximum current that can be safely handled by the package. The current consumption
of the silicon is relatively low, leaving the total package resistance carrying the high load current as the primary
contributor to the total power dissipation of the package. The maximum safe-operating current level is set to
ensure that the heat dissipated across the package is limited so that no damage to the resistor or the package
itself occurs or that the internal junction temperature of the silicon does not exceed a 150°C limit.
External factors (such as ambient temperature, external air flow, and PCB layout) can contribute to how
effectively the heat developed as a result of the current flowing through the total package resistance can be
removed from within the device. Under the conditions of no air flow, a maximum ambient temperature of 85°C,
and 1-oz. copper input power planes, the INA250 can accommodate continuous current levels up to 15 A. As
shown in Figure 30, the current handling capability is derated at temperatures above the 85°C level with safe
operation up to 10 A at a 125°C ambient temperature. With air flow and larger 2-oz. copper input power planes,
the INA250 can safely accommodate continuous current levels up to 15 A over the entire –40°C to 125°C
temperature range.
Figure 30. Maximum Current vs Temperature
7.3.2 Short-Circuit Duration
The INA250 features a physical shunt resistance that is able to withstand current levels higher than the
continuous handling limit of 15 A without sustaining damage to the current-sensing resistor or the current-sensing
amplifier if the excursions are very brief. Figure 31 shows the short-circuit duration curve for the INA250.
Figure 31. Short-Circuit Duration
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com