Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA300
Description  Current-Shunt Monitor with Precision Integrated Shunt Resistor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA300 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments INA300 Datasheet HTML 10Page - Texas Instruments INA300 Datasheet HTML 11Page - Texas Instruments INA300 Datasheet HTML 12Page - Texas Instruments INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
-
+
REF
GND
VS
OUT
IN-
IN+
SH-
VIN-
SH+
VIN+
INA250A1, INA250A2, INA250A3, INA250A4
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The INA250 features a 2-m
Ω, precision, current-sensing resistor and a 36-V common-mode, zero-drift topology,
precision, current-sensing amplifier integrated into a single package. High precision measurements are enabled
through the matching of the shunt resistor value and the current-sensing amplifier gain providing a highly-
accurate, system-calibrated solution. Multiple gain versions are available to allow for the optimization of the
desired full-scale output voltage based on the target current range expected in the application.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Integrated Shunt Resistor
The INA250 features a precise, low-drift, current-sensing resistor to allow for precision measurements over the
entire specified temperature range of –40°C to 125°C. The integrated current-sensing resistor ensures
measurement stability over temperature as well as improving layout and board constraint difficulties common in
high precision measurements.
The onboard current-sensing resistor is designed as a 4-wire (or Kelvin) connected resistor that enables accurate
measurements through a force-sense connection. Connecting the amplifier inputs pins (VIN– and VIN+) to the
sense pins of the shunt resistor (SH– and SH+) eliminates many of the parasitic impedances commonly found in
typical very-low sensing-resistor level measurements. Although the sense connection of the current-sensing
resistor can be accessed via the SH+ and SH– pins, this resistor is not intended to be used as a stand-alone
component. The INA250 is system-calibrated to ensure that the current-sensing resistor and current-sensing
amplifier are both precisely matched to one another. Use of the shunt resistor without the onboard amplifier
results in a current-sensing resistor tolerance of approximately 5%. To achieve the optimized system gain
specification, the onboard sensing resistor must be used with the internal current-sensing amplifier.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com