Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 67 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 67 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 63Page - ams AG TDC-GP22 Datasheet HTML 64Page - ams AG TDC-GP22 Datasheet HTML 65Page - ams AG TDC-GP22 Datasheet HTML 66Page - ams AG TDC-GP22 Datasheet HTML 67Page - ams AG TDC-GP22 Datasheet HTML 68Page - ams AG TDC-GP22 Datasheet HTML 69Page - ams AG TDC-GP22 Datasheet HTML 70Page - ams AG TDC-GP22 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
Ultrasonic-Flow-Converter
TDC-GP22
4-22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
4.4.1
Configuration
The relevant configuration parameters are:
Table 4-3: First Wave Mode Configuration
Reg
Bits
Parameter
Description
3
30
EN_FIRST_WAVE
1 = Switches on the First Wave Mode, Reg3,
DELVAL2 and Reg4, DELVAL3 get a new meaning.
4
8 - 12
OFFS
2‘s complement number setting the offset shift in 1
mV steps
0 = 0 mV
1 = +1 mV
...
15 = +15 mV
16 = -16 mV
17 = -15 mV
...
31 = -1 mV
4
13
OFFSRNG1
1 = Additional offset shift by - 20 mV
4
14
OFFSRNG2
1 = Additional offset shift by + 20 mV
3
8 - 25
DELREL1 to DELREL3 Stop masking, select the xth wave for time-of-flight
measurement. Maximum is the 63rd wave. DELREL1
 DELREL1 to DELREL3 have to be set in
ascending order. Example:
DELREL1 = 3, DELREL2 = 4, DELREL3 = 5 means to
measure 3rd, 4th and 5th wave after the first wave
4
16
DIS_PW
0 = switch on / 1 = switch off pulse width
measurement. The ratio can be read from address
8, register PW1ST as an 8 bit fixed point number
with one integer bit (range 0 to 1.99).
4
15
EDGE_FW
Sets the edge sensitivity for the first wave. With a
negative offset it is reasonable to trigger on the
falling edge of the first wave.
0 = rising edge, 1 = falling edge
3
31
EN_AUTOCALC_MB2
1 = switch on the automatic calculation of all enabled
hits. The sum of the results is written to read
measurement result 4 at read register address 3
(=RES_3).
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com