Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 44 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 44 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 40Page - ams AG TDC-GP22 Datasheet HTML 41Page - ams AG TDC-GP22 Datasheet HTML 42Page - ams AG TDC-GP22 Datasheet HTML 43Page - ams AG TDC-GP22 Datasheet HTML 44Page - ams AG TDC-GP22 Datasheet HTML 45Page - ams AG TDC-GP22 Datasheet HTML 46Page - ams AG TDC-GP22 Datasheet HTML 47Page - ams AG TDC-GP22 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
TDC-GP22
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-21
2. ’h01, Start_TOF: triggers a sequence for a single time-of-flight measurement. First, the
4 MHz oscillator is switched on. After the delay set to settle the oscillator
(START_CLKHS), the comparator and the reference voltage are switched on. The
receiver capacitor is charged up th Vref while inactive fire buffer is pulled down to
GND. After the delay set to charge up the capacitor (TW2), the fire buffer sends the
fire pulses. After the delay set in DELVAL the TDC stop channel is open. At the end of
the measurement the analog section and the 4 MHz are switched off and the current
consumption drops down to near zero. The interrupt is set, pin INTN = LOW.
3. ’h05, Start_TOF_Restart: This opcode runs the Start_TOF sequence twice, in up and
down direction as it is typical in ultrasonic flow meters. The interrupt is set, pin INTN =
LOW, when the time measurement for each direction is finished. So, for one
Start_TOF_Restart command the microprocessor sees two interrupts and has to read
twice. The time interval between the up and down measurement is set by configuration
parameter CYCLE_TOF in multiples of 50 Hz or 60 Hz. The right selection of the delay
between the two measurements suppresses 50/60 Hz noise.
CYCLE_TOF
factor HZ60 = 0(50Hz)
HZ60 = 1(60Hz)
0
1
20 ms
16.67 ms
1
1.5
30 ms
25.00 ms
2
2
40 ms
33.33 ms
3
2.5
50 ms
41.67 ms
’h02, Start_Temp: triggers a single temperature measurement sequence. It begins
with the fake measurements (ANZ_FAKE) on port PT0. Then it measures ports PT0
> PT1 > PT2 > PT4. If TEMP_PORTDIR is set one then the sequence of ports is
inverted, starting with the fake measurements at port PT4.
’h06, Start_Temp_Restart: This opcode runs the Start_Temp sequence twice. The
time interval between the up and down measurement is set by configuration
parameter CYCLE_TEMP in multiples of 50 Hz or 60 Hz. The right selection of the
delay between the two measurements suppresses 50/60 Hz noise.
CYCLE_TEMP
factor
HZ60 = 0 (50Hz)
HZ60 = 1 (60Hz)
0
1
20 ms
16.67 ms
1
1.5
30 ms
25.00 ms
2
2
40 ms
33.33 ms
3
2.5
50 ms
41.67 ms
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com