Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 39 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 39 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 35Page - ams AG TDC-GP22 Datasheet HTML 36Page - ams AG TDC-GP22 Datasheet HTML 37Page - ams AG TDC-GP22 Datasheet HTML 38Page - ams AG TDC-GP22 Datasheet HTML 39Page - ams AG TDC-GP22 Datasheet HTML 40Page - ams AG TDC-GP22 Datasheet HTML 41Page - ams AG TDC-GP22 Datasheet HTML 42Page - ams AG TDC-GP22 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Ultrasonic-Flow-Converter
TDC-GP22
3-16
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
The ratio of the discharge times equal the ratio of resistance:
RT = Rref * T/ref
3.2.2
Status Register
Table 3-3: Status registers
Bits
Name
Description
Values
2 – 0 ALU_OP_PTR
ALU operation pointer. Pointer to the result register.
See description below
5 – 3 # of hits Ch 1
Number of hits registered on channel 1
8 – 6 # of hits Ch 2
Number of hits registered on channel 2
9
Timeout TDC
Indicates an overflow of the TDC unit
1 = overflow
10
Timeout Precounter
Indicates an overflow of the 14 bit precounter in MR 2
1 = overflow
11
Error open
Indicates an open sensor at temperature
measurement
1 = open
12
Error short
Indicates a shorted sensor at temperature
measurement
1 = short
13
EEPROM_Error
Single error in EEPROM which has been corrected
1 = error
14
EEPROM_DED
Double error detection. A multiple error has been
detected which can not be corrected.
1 = multiple
error
15
EEPROM_eq_CREG
Indicates whether the content of the configuration
registers equals the EEPROM
1 = equal
ALU Operation Pointer
Description: The ALU operation pointer is stored in bits 0-2 of the status register (range
of 0x00 to 0x03) and provides an index to one of the 4 results registers (RES_0 to RES_3)
as follows:
When the EN_AUTOCALC_MB2 parameter is set to 0, and therefore
autocalculation is OFF, the ALU operation pointer is set to the next free result
register that will be used by the ALU for its next TDC cycle. This occurs once a TDC
measurement is performed. Therefore after a TDC measurement ALU_OP_PTR
minus 1 will point to the ALU result.
When EN_AUTOCALC_MB2 is 1 (autocalculation ON) and once a TDC measurement
is performed the ALU operation pointer is set to the result register that contains
the sum of the hit calculations stored in RES_0 to RES_2. This calculation does not
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com