Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP22 Datasheet(PDF) 49 Page - ams AG

Part # TDC-GP22
Description  Ultrasonic-Flow-Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP22 Datasheet(HTML) 49 Page - ams AG

Back Button TDC-GP22 Datasheet HTML 45Page - ams AG TDC-GP22 Datasheet HTML 46Page - ams AG TDC-GP22 Datasheet HTML 47Page - ams AG TDC-GP22 Datasheet HTML 48Page - ams AG TDC-GP22 Datasheet HTML 49Page - ams AG TDC-GP22 Datasheet HTML 50Page - ams AG TDC-GP22 Datasheet HTML 51Page - ams AG TDC-GP22 Datasheet HTML 52Page - ams AG TDC-GP22 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Ultrasonic-Flow-Converter
TDC-GP22
4-4
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
For the calibration the TDC measures 1 and 2 cycles of the reference clock. The two data
are stored as Cal1 and Cal2.
There are two ways to update the calibration data Cal1 and Cal2:
- Separate calibration by sending opcode Start_Cal_TDC via the SPI interface
- Automatic update by setting register 0, bit 12, NO_CAL_AUTO = “0“. In most applications
this will be the preferred setting.
e. Define ALU data processing
While the TDC unit can measure up to 4 hits on each channel the user is free in his
definition what the ALU shall calculate. The settings are done in register 1, bits 16 to 19
and 20 to 23, HIT1 and HIT2. Both parameters can be set to:
0 = Start
1 = 1. Stop Ch1
9 = 1. Stop Ch2
2 = 2. Stop Ch1
A = 2. Stop Ch2
3 = 3. Stop Ch1
B = 3. Stop Ch2
4 = 4. Stop Ch1
C = 4. Stop Ch2
6 = Cal1 Ch1
7 = Cal2 Ch1
The ALU calculates HIT1 - HIT2.
In case calibration is active the ALU does the full calibration calculation (except when
reading the calibration values. In this case the ALU writes the Cal1/Cal2 raw data to the
output register).
(
)
Examples:
Reg1 = ‘h01xxxx - 1st Stop Ch1-Start
Reg1 = ‘h2Bxxxx - 3rd Stop Ch2-2nd Stop Ch1
Reg1 = ‘h06xxxx - Cal1
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com